Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 46 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 42Page - Renesas Technology Corp H8S/2112R Datasheet HTML 43Page - Renesas Technology Corp H8S/2112R Datasheet HTML 44Page - Renesas Technology Corp H8S/2112R Datasheet HTML 45Page - Renesas Technology Corp H8S/2112R Datasheet HTML 46Page - Renesas Technology Corp H8S/2112R Datasheet HTML 47Page - Renesas Technology Corp H8S/2112R Datasheet HTML 48Page - Renesas Technology Corp H8S/2112R Datasheet HTML 49Page - Renesas Technology Corp H8S/2112R Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 20 of 954
REJ09B0462-0100
Pin No.
Type
Symbol TFP-144V
BP-176V TLP-145V I/O
Name and Function
NMI
11
F4
E3
Input
Nonmaskable interrupt request
input pin
IRQ15 to
IRQ0
17,
19 to 21,
47 to 50,
85, 84,
135 to 133,
24 to 22
G2, H2,
J4, J3,
N6, R6,
P6, M7,
J13, J12,
B6, A6,
C6, K4,
J2, J1
F1, G4,
H4, G1,
L5, M6,
N5, K5,
H12, J11,
C6, B5,
A6, H2,
G3, J4
Input
Interrupts
ExIRQ15
to
ExIRQ6
51 to 58,
12, 10
R7, P7,
M8, R8,
P8, N9,
R9, P9,
F3, E1
L6, M7,
N6, K6,
K7, K8,
N7, M8,
F2, E2
Input
These pins request a maskable
interrupt.
To which pin an IRQ interrupt is
input can be selected from the
IRQn and ExIRQn pins.
(n = 15 to 6)
ETRST*2 27
L1
H3
Input
ETMS
28
L2
K4
Input
ETDO
29
L4
J1
Output
ETDI
30
M1
K2
Input
H-UDI
ETCK
31
M2
J3
Input
Interface pins for emulator
Reset by holding the
ETRST pin
to low level regardless of the H-
UDI activation. At this time, the
ETRST pin should be held low
level for 20 clocks of ETCK.
Then, to activate the H-UDI, the
ETRST pin should be set to high
level and the pins ETCK, ETMS,
and ETDI should be set
appropriately. In the normal
operation without activating the
H-UDI, pins ETCK, ETMS, ETDI,
and ETDO should be pulled up to
high level. The
ETRST pin is
pulled up inside the chip.
TMO0
TMO1
TMOX
TMOY
137
3
47
48
B5
B1
N6
R6
A5
C2
L5
M6
Output Waveform output pins with output
compare function
8-bit
timer
(TMR_0,
TMR_1,
TMR_X,
TMR_Y)
TMI0
TMI1
TMIX
TMIY
136
2
58
57
A5
C3
P9
R9
D4
A1
M8
N7
Input
Counter event input and count
reset input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com