Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 49 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 45Page - Renesas Technology Corp H8S/2112R Datasheet HTML 46Page - Renesas Technology Corp H8S/2112R Datasheet HTML 47Page - Renesas Technology Corp H8S/2112R Datasheet HTML 48Page - Renesas Technology Corp H8S/2112R Datasheet HTML 49Page - Renesas Technology Corp H8S/2112R Datasheet HTML 50Page - Renesas Technology Corp H8S/2112R Datasheet HTML 51Page - Renesas Technology Corp H8S/2112R Datasheet HTML 52Page - Renesas Technology Corp H8S/2112R Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 23 of 954
REJ09B0462-0100
Pin No.
Type
Symbol
TFP-144V BP-176V
TLP-145V
I/O
Name and Function
LAD3 to
LAD0
124 to
121
B9, A9, C9,
D9
B7, C8, D9,
A9
Input/
Output
LPC command, address,
and data input/output pins
LFRAME 125
D8
A8
Input
Input pin indicating LPC
cycle start and forced
termination of an abnormal
LPC cycle
LRESET 126
C8
D8
Input
Input pin indicating LPC
reset
LCLK
127
A8
D7
Input
LPC clock input pin
SERIRQ
128
D7
D6
Input/
Output
LPC serial host interrupt
(HIRQ1 to HIRQ15)
input/output pin
LSCI,
LSMI,
PME
119, 120,
129
A10, B10,
C7
C9, B8, A7
Input/
Output
LPC auxiliary output pins.
Functionally, they are
general I/O ports.
GA20
130
A7
B6
Input/
Output
GATE A20 control signal
output pin. Output state
monitoring input is
possible.
CLKRUN 131
B7
C7
Input/
Output
Input/output pin that
requests the start of LCLK
operation when LCLK is
stopped.
LPC
Interface
(LPC)
LPCPD
132
D6
D5
Input
Input pin that controls LPC
module shutdown.
FSISS
113
D11
A11
Output FSI slave select pin
FSICK
114
A12
C11
Output Clock output pin
FSIDI
115
C11
B10
Input
Receive data input pin
FSI
interface
(FSI)
FSIDO
116
B11
C10
Output Transmit data output pin
CIR
interface
(CIR)
CIRI
26
K2
J2
Input
Receive data input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com