Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 57 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 53Page - Renesas Technology Corp H8S/2112R Datasheet HTML 54Page - Renesas Technology Corp H8S/2112R Datasheet HTML 55Page - Renesas Technology Corp H8S/2112R Datasheet HTML 56Page - Renesas Technology Corp H8S/2112R Datasheet HTML 57Page - Renesas Technology Corp H8S/2112R Datasheet HTML 58Page - Renesas Technology Corp H8S/2112R Datasheet HTML 59Page - Renesas Technology Corp H8S/2112R Datasheet HTML 60Page - Renesas Technology Corp H8S/2112R Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 984 page
background image
Section 2 CPU
Rev. 1.00 May 09, 2008 Page 31 of 954
REJ09B0462-0100
2.2
CPU Operating Modes
This LSI operates in normal mode, which supports a maximum 16-Mbyte address space. The
mode is selected by the mode pins.
• Address Space
Linear access to a 16-Mbyte maximum address space is provided.
• Extended Registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers, or as the upper 16-bit
segments of 32-bit registers.
• Instruction Set
All instructions and addressing modes can be used.
• Exception Vector Table and Memory Indirect Branch Addresses
In this LSI, the top area starting at H'00000000 is allocated to the exception vector table in 32-
bit units. One branch address is stored per 24 bits, ignoring the upper 8 bits (see figure 2.1).
For details of the exception vector table, see section 5, Exception Handling.
H'00000000
H'00000003
H'00000004
H'0000000B
H'0000000C
H'00000010
H'00000008
H'00000007
Reserved
Reserved
Reserved
Reserved
Reserved
Exception handling vector 1
Exception handling vector 2
Exception handling vector 3
Exception handling vector 4
Exception handling
vector table
Exception handling vector 5
Figure 2.1 Exception Handling Vector Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com