Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 22 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 18Page - Renesas Technology Corp H8S/2112R Datasheet HTML 19Page - Renesas Technology Corp H8S/2112R Datasheet HTML 20Page - Renesas Technology Corp H8S/2112R Datasheet HTML 21Page - Renesas Technology Corp H8S/2112R Datasheet HTML 22Page - Renesas Technology Corp H8S/2112R Datasheet HTML 23Page - Renesas Technology Corp H8S/2112R Datasheet HTML 24Page - Renesas Technology Corp H8S/2112R Datasheet HTML 25Page - Renesas Technology Corp H8S/2112R Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 984 page
background image
Rev. 1.00 May 09, 2008 Page xxii of xxvi
20.4.7 SCIF Control from LPC Interface......................................................................... 639
20.5
Interrupt Sources................................................................................................................ 640
20.5.1 IBFI1, IBFI2, IBFI3, IBFI4, OBEI, and ERRI ..................................................... 640
20.5.2 SMI, HIRQ1, HIRQ3, HIRQ4, HIRQ5, HIRQ6, HIRQ7, HIRQ8, HIRQ9,
HIRQ10, HIRQ11, HIRQ12, HIRQ13, HIRQ14, and HIRQ15 ........................... 641
20.6
Usage Note......................................................................................................................... 644
20.6.1 Data Conflict......................................................................................................... 644
Section 21 FSI Interface .................................................................................... 647
21.1
Features.............................................................................................................................. 647
21.2
Input/Output Pins ...............................................................................................................649
21.3
Register Description .......................................................................................................... 650
21.3.1 FSI Control Register 1 (FSICR1) ......................................................................... 652
21.3.2 FSI Control Register 2 (FSICR2) ......................................................................... 653
21.3.3 FSI Byte Count Register (FSIBNR) ..................................................................... 655
21.3.4 FSI Instruction Register (FSIINS) ........................................................................ 656
21.3.5 FSI Instruction Register (FSIRDINS)................................................................... 657
21.3.6 FSI Program Instruction Register (FSIPPINS) ..................................................... 657
21.3.7 FSI Status Register (FSISTR)............................................................................... 657
21.3.8 FSI Transmit Data Registers 0 to 7 (FSITDR0 to FSITDR7)............................... 659
21.3.9 FSI Receive Data Register (FSIRDR) .................................................................. 659
21.3.10 FSI Access Host Base Address Registers H and L
(FSIHBARH and FSIHBARL) ............................................................................. 660
21.3.11 FSI Flash Memory Size Register (FSISR) ............................................................ 661
21.3.12 FSI Command Host Base Address Registers H and L
(CMDHBARH and CMDHBARL) ...................................................................... 662
21.3.13 FSI Command Register (FSICMDR).................................................................... 662
21.3.14 FSI LPC Command Status Register 1 (FSILSTR1).............................................. 663
21.3.15 FSI LPC Command Status Register 2 (FSILSTR2).............................................. 665
21.3.16 FSI General-Purpose Registers 1 to F (FSIGPR1 to FSIGPRF) ........................... 666
21.3.17 FSI LPC Control Register (SLCR) ....................................................................... 666
21.3.18 FSI Address Registers H, M, and L (FSIARH, FSIARM, and FSIARL) ............. 667
21.3.19 FSI Write Data Registers HH, HL, LH, and LL
(FSIWDRHH, FSIWDRHL, FSIWDRLH, and FSIWDRLL).............................. 668
21.4
Operation ........................................................................................................................... 670
21.4.1 LPC/FW Memory Cycles ..................................................................................... 670
21.4.2 SPI Flash Memory Transfer.................................................................................. 672
21.4.3 Flash Memory Instructions ................................................................................... 673
21.4.4 FSI Memory Cycle (Direct Transfer between LPC and SPI)................................ 674
21.4.5 FSI Memory Cycle (LPC-SPI Command Transfer).............................................. 681



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com