Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 4Page - Renesas Technology Corp H8S/2112R Datasheet HTML 5Page - Renesas Technology Corp H8S/2112R Datasheet HTML 6Page - Renesas Technology Corp H8S/2112R Datasheet HTML 7Page - Renesas Technology Corp H8S/2112R Datasheet HTML 8Page - Renesas Technology Corp H8S/2112R Datasheet HTML 9Page - Renesas Technology Corp H8S/2112R Datasheet HTML 10Page - Renesas Technology Corp H8S/2112R Datasheet HTML 11Page - Renesas Technology Corp H8S/2112R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 984 page
background image
Rev. 1.00 May 09, 2008 Page viii of xxvi
4. Description of Abbreviations
The abbreviations used in this manual are listed below.
• Abbreviations specific to this product
Abbreviation
Description
BSC
Bus controller
CPG
Clock pulse generator
INT
Interrupt controller
SCI
Serial communication interface
TMR
8-bit timer
TPU
16-bit timer pulse unit
WDT
Watchdog timer
• Abbreviations other than those listed above
Abbreviation
Description
ACIA
Asynchronous communication interface adapter
bps
Bits per second
CRC
Cyclic redundancy check
DMA
Direct memory access
DMAC
Direct memory access controller
GSM
Global System for Mobile Communications
Hi-Z
High impedance
IEBus
Inter Equipment Bus (IEBus is a trademark of NEC Electronics Corporation.)
I/O
Input/output
IrDA
Infrared Data Association
LSB
Least significant bit
MSB
Most significant bit
NC
No connection
PLL
Phase-locked loop
PWM
Pulse width modulation
SFR
Special function register
SIM
Subscriber Identity Module
UART
Universal asynchronous receiver/transmitter
VCO
Voltage-controlled oscillator
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com