Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 31 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 27Page - Renesas Technology Corp H8S/2112R Datasheet HTML 28Page - Renesas Technology Corp H8S/2112R Datasheet HTML 29Page - Renesas Technology Corp H8S/2112R Datasheet HTML 30Page - Renesas Technology Corp H8S/2112R Datasheet HTML 31Page - Renesas Technology Corp H8S/2112R Datasheet HTML 32Page - Renesas Technology Corp H8S/2112R Datasheet HTML 33Page - Renesas Technology Corp H8S/2112R Datasheet HTML 34Page - Renesas Technology Corp H8S/2112R Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 5 of 954
REJ09B0462-0100
Classification
Module/
Function
Description
Watchdog timer Watchdog
timer
(WDT)
• 8 bits × two channels (selectable from eight counter input
clocks)
• Switchable between watchdog timer mode and interval timer
mode
Serial
communic-
ation
interface
with FIFO
(SCIF)
• One channel (asynchronous mode)
• 16-stage FIFO buffers for transmission and reception
• Full-duplex communication capability
• On-chip baud rate generator allows any bit rate to be selected.
• Direct control from the LPC host
Serial interface
• One channel (choice of asynchronous or clocked synchronous
serial communication mode)
• Full-duplex communication capability
• Selection of the desired bit rate and LSB-first or MSB-first
transfer
Smart card/
SIM
Serial
communi-
cation
interface
(SCI)
• The SCI module supports a smart card (SIM) interface.
I
2C bus
interface
(IIC)
• Two channels (one of two channels is switchable between input
pin and output pin.)
• Capable of consecutive transmission and reception
• Two types of communication formats
• I2C bus format: addressing format with an acknowledge bit, for
master/slave operation
• Clocked synchronous serial format: non-addressing format
without an acknowledge bit, for master operation only
SMBus 2.0
interface
(SMBUS)
• Supports SMBus 2.0 interface
• Shares the communication function with IIC_0
• On-chip PEC (Packet Error Checking multiplier)
Keyboard
buffer
control unit
(PS2)
• Two channels
• Conforms to PS/2 interface specifications
• Direct bus drive
• Interrupt and error detection
High-
performance
communication
LPC
interface
(LPC)
• Four channels
• Serial transfer of cycle type, address, and data in
synchronization with the PCI clock
• Supports LPC interface I/O read and I/O write cycles
• Supports the shutdown function (LPCPD) of the LPC interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com