Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 88 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 84Page - Renesas Technology Corp H8S/2112R Datasheet HTML 85Page - Renesas Technology Corp H8S/2112R Datasheet HTML 86Page - Renesas Technology Corp H8S/2112R Datasheet HTML 87Page - Renesas Technology Corp H8S/2112R Datasheet HTML 88Page - Renesas Technology Corp H8S/2112R Datasheet HTML 89Page - Renesas Technology Corp H8S/2112R Datasheet HTML 90Page - Renesas Technology Corp H8S/2112R Datasheet HTML 91Page - Renesas Technology Corp H8S/2112R Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 984 page
background image
Section 2 CPU
Rev. 1.00 May 09, 2008 Page 62 of 954
REJ09B0462-0100
2.9
Usage Note
2.9.1
TAS Instruction
The registers ER0, ER1 ER4, and ER5b must be used when using the TAS instruction.
Note that the TAS instruction is not generated in the Renesas H8S, H8S/300 series C/C
++
Compiler. When using the TAS instruction as a user-defined built-in function, the registers ER0,
ER1 ER4, and ER5b must be used.
2.9.2
STM/LDM Instruction
The register ER7 cannot be used to push data onto the stack for STM instruction or to pop data off
the stack for LDM instruction stack. To push or pop data in one instruction, the registers that can
be used are two, three, or four as shown in the list below.
Two registers: ER0 to ER1, ER2 to ER3, and ER4 to ER5
Three registers: ER0 to ER2, ER4 to ER6
Four registers: ER0 to ER3
Note that the STM/LDM instruction that contains ER is not generated in the Renesas H8S,
H8S/300 series C/C
++ Compiler
2.9.3
Notes on Using the Bit Operation Instruction
Instructions BSET, BCLR, BNOT, BST, and BIST read data in byte units, and write data in byte
units after bit operation. Therefore, attention must be paid when these instructions are used for
ports or registers including write-only bits.
Instruction BCLR can be used to clear the flag in the internal I/O register to 0. If it is obvious that
the flag has been set to 1 by the interrupt processing routine, it is unnecessary to read the flag
beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com