Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 18 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 14Page - Renesas Technology Corp H8S/2112R Datasheet HTML 15Page - Renesas Technology Corp H8S/2112R Datasheet HTML 16Page - Renesas Technology Corp H8S/2112R Datasheet HTML 17Page - Renesas Technology Corp H8S/2112R Datasheet HTML 18Page - Renesas Technology Corp H8S/2112R Datasheet HTML 19Page - Renesas Technology Corp H8S/2112R Datasheet HTML 20Page - Renesas Technology Corp H8S/2112R Datasheet HTML 21Page - Renesas Technology Corp H8S/2112R Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 984 page
background image
Rev. 1.00 May 09, 2008 Page xviii of xxvi
14.9.4 Receive Error Flags and Transmit Operations
(Clocked Synchronous Mode Only) ..................................................................... 422
14.9.5 Relation between Writing to TDR and TDRE Flag .............................................. 422
14.9.6 SCI Operations during Mode Transitions ............................................................. 423
14.9.7 Notes on Switching from SCK Pins to Port Pins .................................................. 426
14.9.8 Note on Writing to Registers in Transmission, Reception,
and Simultaneous Transmission and Reception.................................................... 427
Section 15 CIR Interface ................................................................................... 429
15.1
Features.............................................................................................................................. 429
15.2
Input Pins ........................................................................................................................... 431
15.3
Register Description .......................................................................................................... 431
15.3.1 Receive Control Register 1 (CCR1) ..................................................................... 432
15.3.2 Receive Control Register 2 (CCR2) ..................................................................... 433
15.3.3 Receive Status Register (CSTR) ........................................................................... 434
15.3.4 Interrupt Enable Register (CEIR) ......................................................................... 436
15.3.5 Bit Rate Register (BRR) ....................................................................................... 437
15.3.6 Receive Data Register 0 to 7 (CIRRDR0 to CIRRDR7) ...................................... 438
15.3.7 Header Minimum/Maximum High-Level Period Register
(HHMIN and HHMAX) ....................................................................................... 438
15.3.8 Header Minimum/Maximum Low-Level Period Register (HLMIN/HLMAX).... 440
15.3.9 Data Level 1 Minimum/Maximum Period Register (DT1MIN/DT1MAX) ......... 440
15.3.10 Data Level 0 Minimum/Maximum Period Register (DT0MIN/DT0MAX) ......... 441
15.3.11 Repeat Header Minimum/Maximum Low-Level Period Register
(RMIN/RMAX) .................................................................................................... 441
15.4
Operation ........................................................................................................................... 442
15.4.1 Determination of Signal Type by Low/High-Level Period................................... 444
15.4.2 Operation of FIFO Register .................................................................................. 446
15.4.3 Operation in Watch Mode..................................................................................... 447
15.4.4 Switching between System Clock and Sub Clock ................................................ 447
15.5
Noise Canceler Circuit....................................................................................................... 448
15.6
Reset Conditions ................................................................................................................450
15.7
Interrupt Sources................................................................................................................ 451
15.8
Usage Note......................................................................................................................... 452
Section 16 Serial Communication Interface with FIFO (SCIF) ........................ 455
16.1
Features.............................................................................................................................. 455
16.2
Input/Output Pins ...............................................................................................................457
16.3
Register Descriptions ......................................................................................................... 458
16.3.1 Receive Shift Register (FRSR) ............................................................................. 459



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com