Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 47 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 43Page - Renesas Technology Corp H8S/2112R Datasheet HTML 44Page - Renesas Technology Corp H8S/2112R Datasheet HTML 45Page - Renesas Technology Corp H8S/2112R Datasheet HTML 46Page - Renesas Technology Corp H8S/2112R Datasheet HTML 47Page - Renesas Technology Corp H8S/2112R Datasheet HTML 48Page - Renesas Technology Corp H8S/2112R Datasheet HTML 49Page - Renesas Technology Corp H8S/2112R Datasheet HTML 50Page - Renesas Technology Corp H8S/2112R Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 21 of 954
REJ09B0462-0100
Pin No.
Type
Symbol
TFP-144V BP-176V TLP-145V I/O
Name and Function
TCLKA
TCLKB
TCLKC
TCLKD
92
91
89
87
G13
G12
H15
H12
F12
H13
G12
J13
Input
Timer external clock input pins
TIOCA0
TIOCB0
TIOCC0
TIOCD0
94
93
92
91
G14
G15
G13
G12
G11
G13
F12
H13
Input/
Output
Input capture input/output
compare output/PWM output
pins for TGRA_0 to TGRD_0
TIOCA1
TIOCB1
90
89
H14
H15
G10
G12
Input/
Output
Input capture input/output
compare output/PWM output
pins for TGRA_1 and TGRB_1
16-bit timer
pulse unit
(TPU)
TIOCA2
TIOCB2
88
87
H13
H12
H11
J13
Input/
Output
Input capture input/output
compare output/PWM output
pins for TGRA_2 and TGRB_2
TCMCKI2
to
TCMCKI0
4, 2, 137
C2, C3,
B5
B2, A1,
A5
Input
Timer external clock input pins
TCMMCI2
to
TCMMCI0
4, 2, 137
C2, C3,
B5
B2, A1,
A5
Input
Cycle measurement enable
input pins
16-bit cycle
measure-
ment timer
(TCM)
TCMCYI2
to
TCMCYI0
3, 138,
136
B1, D5,
A5
C2, B4,
D4
Input
Timer input capture input pins
8-bit PWM
timer U
(PWMU)
PWMU5A
to
PWMU0A
PWMU5B
to
PWMU0B
43 to 46,
49, 50,
6 to 3,
117, 118
N5, P5,
R5, M6,
P6, M7,
C1, D3,
C2, B1,
A11, D10
M4, L4,
N4, M5,
N5, K5,
C3, C1,
B2, C2,
A10, B9
Output PWM timer pulse output pins
TxD1
133
C6
A6
Output Transmit data output pins
RxD1
134
A6
B5
Input
Receive data input pins
Serial
communi-
cation
interface
(SCI_1)
SCK1
135
B6
C6
Input/
Output
Clock input/output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com