Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 43 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 39Page - Renesas Technology Corp H8S/2112R Datasheet HTML 40Page - Renesas Technology Corp H8S/2112R Datasheet HTML 41Page - Renesas Technology Corp H8S/2112R Datasheet HTML 42Page - Renesas Technology Corp H8S/2112R Datasheet HTML 43Page - Renesas Technology Corp H8S/2112R Datasheet HTML 44Page - Renesas Technology Corp H8S/2112R Datasheet HTML 45Page - Renesas Technology Corp H8S/2112R Datasheet HTML 46Page - Renesas Technology Corp H8S/2112R Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 984 page
background image
Section 1 Overview
Rev. 1.00 May 09, 2008 Page 17 of 954
REJ09B0462-0100
Pin No.
Pin Name
Single-Chip Mode
TFP-
144V
BP-
176V
TLP-
145V
Mode 2 (EXPE = 0)
116
B11
C10
PB4/
DSR/FSIDO
117
A11
A10
PB3/
DCD/PWMU1B
118
D10
B9
PB2/
RI/PWMU0B
C10
NC
119
A10
C9
PB1/LSCI
120
B10
B8
PB0/
LSMI
121
D9
A9
P30/LAD0
122
C9
D9
P31/LAD1
123
A9
C8
P32/LAD2
124
B9
B7
P33/LAD3
125
D8
A8
P34/
LFRAME
126
C8
D8
P35/
LRESET
127
A8
D7
P36/LCLK
B8
NC
128
D7
D6
P37/SERIRQ
129
C7
A7
P80/
PME
130
A7
B6
P81/GA20
131
B7
C7
P82/
CLKRUN
132
D6
D5
P83/
LPCPD
133
C6
A6
P84/
IRQ3/TxD1
134
A6
B5
P85/
IRQ4/RxD1
135
B6
C6
P86/
IRQ5/SCK1
C5
NC
136
A5
D4
P40/TMI0/TCMCYI0
137
B5
A5
P41/TMO0/TCMCKI0/TCMMCI0
138
D5
B4
P42/TCMCYI1
139
A4
C5
VSS
B4
VSS
140
C4
A4
PH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com