Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 356 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 352Page - Renesas Technology Corp H8S/2112 Datasheet HTML 353Page - Renesas Technology Corp H8S/2112 Datasheet HTML 354Page - Renesas Technology Corp H8S/2112 Datasheet HTML 355Page - Renesas Technology Corp H8S/2112 Datasheet HTML 356Page - Renesas Technology Corp H8S/2112 Datasheet HTML 357Page - Renesas Technology Corp H8S/2112 Datasheet HTML 358Page - Renesas Technology Corp H8S/2112 Datasheet HTML 359Page - Renesas Technology Corp H8S/2112 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 894 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 Mar. 18, 2008 Page 332 of 866
REJ09B0451-0100
12.3.8
Timer Connection Register I (TCONRI)
TCONRI controls the input capture function.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
—
All 0
R/W
Reserved
The initial value should not be changed.
4
ICST
0
R/W
Input Capture Start Bit
TMR_X has input capture registers (TICRR and
TICRF). TICRR and TICRF can measure the width of a
pulse by means of a single capture operation under the
control of the ICST bit. When a rising edge followed by
a falling edge is detected on TMRIX after the ICST bit
is set to 1, the contents of TCNT at those points are
captured into TICRR and TICRF, respectively, and the
ICST bit is cleared to 0.
[Clearing condition]
When a rising edge followed by a falling edge is
detected on TMRIX.
[Setting condition]
When 1 is written in ICST after reading ICST = 0.
3 to 0
—
All 0
R/W
Reserved
The initial values should not be modified.
12.3.9
Timer Connection Register S (TCONRS)
TCONRS selects whether to access TMR_X or TMR_Y registers.
Bit
Bit Name
Initial
Value
R/W
Description
7
TMRX/Y
0
R/W
TMR_X/TMR_Y Access Select
For details, see table 12.4.
0: The TMR_X registers are accessed at addresses
H'(FF)FFF0 to H'(FF)FFF5.
1: The TMR_Y registers are accessed at addresses
H'(FF)FFF0 to H'(FF)FFF5.
6 to 0
All 0
R/W
Reserved
The initial values should not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com