Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 94 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 90Page - Renesas Technology Corp H8S/2112 Datasheet HTML 91Page - Renesas Technology Corp H8S/2112 Datasheet HTML 92Page - Renesas Technology Corp H8S/2112 Datasheet HTML 93Page - Renesas Technology Corp H8S/2112 Datasheet HTML 94Page - Renesas Technology Corp H8S/2112 Datasheet HTML 95Page - Renesas Technology Corp H8S/2112 Datasheet HTML 96Page - Renesas Technology Corp H8S/2112 Datasheet HTML 97Page - Renesas Technology Corp H8S/2112 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 894 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Mar. 18, 2008 Page 70 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
FLSHE
0
R/W
Flash Memory Control Register Enable
Enables or disables CPU access for flash memory
registers (FCCS, FPCS, FECS, FKEY, FMATS, and
FTDAR), power-down state control registers (SBYCR,
LPWRCR, MSTPCRH, and MSTPCRL), and on-chip
peripheral module control registers (PCSR).
0: When RELOCATE is 0, control registers of power-
down state and peripheral modules are accessed in
an area from H'(FF)FF80 to H'(FF)FF87. Area from
H'(FF)FEA8 to H'(FF)FEAE is reserved.
When RELOCATE is 1, control registers of power-
down state and peripheral modules are accessed in
an area from H'(FF)FF80 to H'(FF)FF87. Area from
H'(FF)FEA8 to H'(FF)FEAE is reserved.
1: When RELOCATE is 0, control registers of flash
memory are accessed in an area from H'(FF)FEA8
to H'(FF)FEAE. Area from H'(FF)FF80 to
H'(FF)FF87 is reserved.
When RELOCATE is 1, control registers of power-
down state and peripheral modules are accessed in
an area from H'(FF)FF80 to H'(FF)FF87. Control
registers of flash memory are accessed in an area
from H'(FF)FEA8 to H'(FF)FEAE.
2
IICS
0
R/(W)
I
2C Extra Buffer Select
Specifies bits 7 to 4 of port A as output buffers similar
to SLC and SDA. These pins are used to implement an
I
2C interface only by software.
0: PA7 to PA4 are normal input/output pins.
1: PA7 to PA4 are input/output pins enabling bus
driving.
1
0
ICKS1
ICKS0
0
0
R/W
R/W
Internal Clock Source Select 1 and 0
These bits select a clock to be input to the timer
counter (TCNT) and a count condition together with bits
CKS2 to CKS0 in TMR_0 or TMR_1 timer control
register (TCR). For details, see section 12.3.4, Timer
Control Register (TCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com