Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 93 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 89Page - Renesas Technology Corp H8S/2112 Datasheet HTML 90Page - Renesas Technology Corp H8S/2112 Datasheet HTML 91Page - Renesas Technology Corp H8S/2112 Datasheet HTML 92Page - Renesas Technology Corp H8S/2112 Datasheet HTML 93Page - Renesas Technology Corp H8S/2112 Datasheet HTML 94Page - Renesas Technology Corp H8S/2112 Datasheet HTML 95Page - Renesas Technology Corp H8S/2112 Datasheet HTML 96Page - Renesas Technology Corp H8S/2112 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 894 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Mar. 18, 2008 Page 69 of 866
REJ09B0451-0100
3.2.3
Serial Timer Control Register (STCR)
STCR enables or disables register access, IIC operating mode, and on-chip flash memory, and
selects the input clock of the timer counter.
Bit
Bit Name
Initial
Value
R/W
Description
7
IICX2
0
R/W
I
2C_2 Transfer Rate Select
These bits control the IIC_2 operation. These bits
select the transfer rate in master mode together with
bits CKS2 to CKS0 in the I
2C_2 bus mode register
(ICMR_2). For details on the transfer rate, see table
16.4.
6
0
R/W
Reserved
The initial value should not be changed.
5
IICX0
0
I
2C_0 Transfer Rate Select
These bits control the IIC_0 operation. These bits
select the transfer rate in master mode together with
bits CKS2 to CKS0 in the I
2C_0 bus mode register
(ICMR_0). For details on the transfer rate, see table
16.4.
4
IICE
0
R/W
I
2C Master Enable
When the RELOCATE bit is cleared to 0, enables or
disables CPU access for IIC registers (ICCR, ICSR,
ICDR/SARX, ICMR/SAR, and ICRES), PWMX registers
(DADRAH/DACR, DADRAL, DADRBH/DACNTH, and
DADRBL/DACNTL), and SCI registers (SMR, BRR, and
SCMR).
0: SCI_1 registers are accessed in areas from
H'(FF)FF88 to H'(FF)FF89 and from H'(FF)FF8E to
H'(FF)FF8F.
Access is prohibited in areas from H'(FF)FFD8 to
H'(FF)FFD9 and from H'(FF)FFDE to H'(FF)FFDF.
1: Access is prohibited in areas from H'(FF)FF88 to
H'(FF)FF89 and from H'(FF)FF8E to H'(FF)FF8F.
IIC_0 registers are accessed in areas from
H'(FF)FFD8 to H'(FF)FFD9 and from H'(FF)FFDE to
H'(FF)FFDF.
ICRES is accessed in areas of H'(FF)FEE6.
When the RELOCATE bit is set to 1, this bit is disabled.
For details, see section 3.2.4, System Control Register
3 (SYSCR3) and section 25, List of Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com