Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 92 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 88Page - Renesas Technology Corp H8S/2112 Datasheet HTML 89Page - Renesas Technology Corp H8S/2112 Datasheet HTML 90Page - Renesas Technology Corp H8S/2112 Datasheet HTML 91Page - Renesas Technology Corp H8S/2112 Datasheet HTML 92Page - Renesas Technology Corp H8S/2112 Datasheet HTML 93Page - Renesas Technology Corp H8S/2112 Datasheet HTML 94Page - Renesas Technology Corp H8S/2112 Datasheet HTML 95Page - Renesas Technology Corp H8S/2112 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 894 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Mar. 18, 2008 Page 68 of 866
REJ09B0451-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
KINWUE
0
R/W
Keyboard Control Register Access Enable
When the RELOCATE bit is cleared to 0, this bit
enables or disables CPU access for the keyboard
matrix interrupt registers (KMIMRA and KMIMRB), pull-
up MOS control register (P6PCR), and registers
(TCR_X/TCR_Y, TCSR_X/TCSR_Y,
TICRR/TCORA_Y, TICRF/TCORB_Y,
TCNT_X/TCNT_Y, TCORC, TCORA_X, TCORB_X,
TCONRI, and CONRS) of 8-bit timers (TMR_X and
TMR_Y)
0: Enables CPU access for registers of TMR_X and
TMR_Y in areas from H'(FF)FFF0 to H'(FF)FFF7
and from H'(FF)FFFC to H'(FF)FFFF
1: Enables CPU access for the keyboard matrix
interrupt registers and input pull-up MOS control
register in areas from H'(FF)FFF0 to H'(FF)FFF7 and
from H'(FF)FFFC to H'(FF)FFFF
When the RELOCATE bit is set to 1, this bit is disabled.
For details, see section 3.2.4, System Control Register
3 (SYSCR3) and section 25, List of Registers.
0
RAME
1
R/W
RAM Enable
Enables or disables on-chip RAM.
0: On-chip RAM is disabled
1: On-chip RAM is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com