Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 46 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 42Page - Renesas Technology Corp H8S/2112 Datasheet HTML 43Page - Renesas Technology Corp H8S/2112 Datasheet HTML 44Page - Renesas Technology Corp H8S/2112 Datasheet HTML 45Page - Renesas Technology Corp H8S/2112 Datasheet HTML 46Page - Renesas Technology Corp H8S/2112 Datasheet HTML 47Page - Renesas Technology Corp H8S/2112 Datasheet HTML 48Page - Renesas Technology Corp H8S/2112 Datasheet HTML 49Page - Renesas Technology Corp H8S/2112 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 894 page
background image
Section 1 Overview
Rev. 1.00 Mar. 18, 2008 Page 22 of 866
REJ09B0451-0100
Pin No.
Type
Symbol
TFP-144V BP-176V
TLP-145V
I/O
Name and Function
PS2AC
PS2BC
39
37
R2
R1
M3
N2
Input/
Output
Synchronous clock
input/output pins for the
keyboard buffer control unit
Keyboard
buffer
control unit
(PS2)
PS2AD
PS2BD
38
35
N3
N2
M2
L1
Input/
Output
Data input/output pins for
the keyboard buffer control
unit
KIN15 to
KIN0
33 to 35,
37 to 41,
85 to 78
N1, M4,
N2, R1,
N3, R2,
P3, R3,
J13, J12,
K14, K13,
K12, L15,
L14, L13
L2, K3, L1,
N2, M2,
M3, N1,
N3, H12,
J11, J10,
K13, J12,
K11, K12,
L13
Input
Input pins for matrix
keyboard. Normally,
KIN15
to
KIN0 function as key
scan inputs, and P17 to
P10 and P27 to P20
function as key scan
outputs. Thus, composed
with a maximum of 16
outputs x 16 inputs, a 256-
key matrix can be
configured.
Keyboard
control
WUE15 to
WUE0
87 to 94,
104 to
110, 112
H12, H13,
H15, H14,
G12, G13,
G15, G14,
C15,D12,
C14, B15,
B14, A15,
C13, B12
J13, H11,
G12, G10,
H13, F12,
G13, G11,
D10,C12,
C13, D11,
B13, A12,
A13, B12
Input
Wake-up event input pins.
Same wake up as key
wake up can be performed
with various sources.
These pins have interrupt
request flags.
FTxD
16
G1
G2
Output Transmit data output pin
FRxD
15
G4
F3
Input
Receive data input pin
RI
118
D10
B9
Input
Ring indicator input pin
DCD
117
A11
A10
Input
Data carrier detect input
pin
DSR
116
B11
C10
Input
Data set ready input pin
DTR
115
C11
B10
Output Data terminal ready output
pin
CTS
114
A12
C11
Input
Transmission permission
input pin
Serial
communic-
ation
interface
with FIFO
(SCIF)
RTS
113
D11
A11
Output Transmission request
output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com