Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 43 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 39Page - Renesas Technology Corp H8S/2112 Datasheet HTML 40Page - Renesas Technology Corp H8S/2112 Datasheet HTML 41Page - Renesas Technology Corp H8S/2112 Datasheet HTML 42Page - Renesas Technology Corp H8S/2112 Datasheet HTML 43Page - Renesas Technology Corp H8S/2112 Datasheet HTML 44Page - Renesas Technology Corp H8S/2112 Datasheet HTML 45Page - Renesas Technology Corp H8S/2112 Datasheet HTML 46Page - Renesas Technology Corp H8S/2112 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 894 page
background image
Section 1 Overview
Rev. 1.00 Mar. 18, 2008 Page 19 of 866
REJ09B0451-0100
1.4.3
Pin Functions
Table 1.4
Pin Functions
Pin No.
Type
Symbol TFP-144V BP-176V TLP-145V I/O
Name and Function
VCC
1, 36, 86
A1, J15,
P1, P2
B1, M1,
H10
Input
Power supply pins. Connect all
these pins to the system power
supply. Connect the bypass
capacitor between VCC and VSS
(that is located near these pins).
VCL
13
F1
E1
Input
External capacitance pin for
internal step-down power.
Connect this pin to VSS through
an external capacitor (that is
located near this pin) to stabilize
internal step-down power.
Power
supply
VSS
7, 42, 95,
111, 139
D1, D2,
P4, R4,
F12, F13,
B13,
A13, A4,
B4
D2, L3,
F10, B11,
C5
Input
Ground pins. Connect all these
pins to the system power supply
(0 V).
XTAL
143
A2
A3
Input
EXTAL
144
B2
A2
Input
For connection to a crystal
resonator. An external clock can
be supplied from the EXTAL pin.
For an example of crystal
resonator connection, see section
23, Clock Pulse Generator.
φ
18
H1
F4
Output Supplies the system clock to
external devices.
EXCL
18
H1
F4
Input
Clock
ExEXCL 32
M3
K1
Input
32.768 kHz external sub clock
should be supplied. To which pin
the external clock is input can be
selected from the EXCL and
ExEXCL pins.
Operating
mode
control
MD2
MD1
25
9
K1
E2
H1
D1
Input
These pins set the operating
mode. Inputs at these pins should
not be changed during operation.
System
control
RES
8
E3
D3
Input
Reset pin. When this pin is low,
the chip is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com