Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 18 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 14Page - Renesas Technology Corp H8S/2112 Datasheet HTML 15Page - Renesas Technology Corp H8S/2112 Datasheet HTML 16Page - Renesas Technology Corp H8S/2112 Datasheet HTML 17Page - Renesas Technology Corp H8S/2112 Datasheet HTML 18Page - Renesas Technology Corp H8S/2112 Datasheet HTML 19Page - Renesas Technology Corp H8S/2112 Datasheet HTML 20Page - Renesas Technology Corp H8S/2112 Datasheet HTML 21Page - Renesas Technology Corp H8S/2112 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 894 page
background image
Rev. 1.00 Mar. 18, 2008 Page xviii of xxiv
14.9.4 Receive Error Flags and Transmit Operations
(Clocked Synchronous Mode Only) ..................................................................... 423
14.9.5 Relation between Writing to TDR and TDRE Flag .............................................. 423
14.9.6 SCI Operations during Mode Transitions ............................................................. 424
14.9.7 Notes on Switching from SCK Pins to Port Pins .................................................. 427
14.9.8 Note on Writing to Registers in Transmission, Reception,
and Simultaneous Transmission and Reception.................................................... 428
Section 15 Serial Communication Interface with FIFO (SCIF) ........................ 429
15.1
Features.............................................................................................................................. 429
15.2
Input/Output Pins ...............................................................................................................431
15.3
Register Descriptions ......................................................................................................... 432
15.3.1 Receive Shift Register (FRSR) ............................................................................. 433
15.3.2 Receive Buffer Register (FRBR) .......................................................................... 433
15.3.3 Transmitter Shift Register (FTSR)........................................................................ 434
15.3.4 Transmitter Holding Register (FTHR).................................................................. 434
15.3.5 Divisor Latch H, L (FDLH, FDLL) ...................................................................... 434
15.3.6 Interrupt Enable Register (FIER).......................................................................... 435
15.3.7 Interrupt Identification Register (FIIR)................................................................. 436
15.3.8 FIFO Control Register (FFCR)............................................................................. 438
15.3.9 Line Control Register (FLCR) .............................................................................. 439
15.3.10 Modem Control Register (FMCR)........................................................................ 440
15.3.11 Line Status Register (FLSR)................................................................................. 442
15.3.12 Modem Status Register (FMSR)........................................................................... 446
15.3.13 Scratch Pad Register (FSCR)................................................................................ 447
15.3.14 SCIF Control Register (SCIFCR) ......................................................................... 448
15.4
Operation ........................................................................................................................... 450
15.4.1 Baud Rate ............................................................................................................. 450
15.4.2 Operation in Asynchronous Communication........................................................ 451
15.4.3 Initialization of the SCIF ...................................................................................... 452
15.4.4 Data Transmission/Reception with Flow Control................................................. 455
15.4.5 Data Transmission/Reception Through the LPC Interface ................................... 461
15.5
Interrupt Sources................................................................................................................ 464
15.6
Usage Note......................................................................................................................... 464
15.6.1 Power-Down Mode When LCLK is Selected for SCLK ...................................... 464
Section 16 I
2C Bus Interface (IIC).....................................................................465
16.1
Features.............................................................................................................................. 465
16.2
Input/Output Pins ...............................................................................................................468
16.3
Register Descriptions ......................................................................................................... 469



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com