| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2112 Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112 Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 894 page ![]() Rev. 1.00 Mar. 18, 2008 Page x of xxiv 2.7.8 Memory Indirect @@aa:8 ................................................................................... 57 2.7.9 Effective Address Calculation ................................................................................ 58 2.8 Processing States.................................................................................................................. 60 2.9 Usage Note........................................................................................................................... 62 2.9.1 TAS Instruction ...................................................................................................... 62 2.9.2 STM/LDM Instruction............................................................................................ 62 2.9.3 Notes on Using the Bit Operation Instruction......................................................... 62 2.9.4 EEPMOV Instruction.............................................................................................. 63 Section 3 MCU Operating Modes ....................................................................... 65 3.1 Operating Mode Selection ................................................................................................... 65 3.2 Register Descriptions ...........................................................................................................66 3.2.1 Mode Control Register (MDCR) ............................................................................ 66 3.2.2 System Control Register (SYSCR) ......................................................................... 67 3.2.3 Serial Timer Control Register (STCR) ................................................................... 69 3.2.4 System Control Register 3 (SYSCR3) .................................................................... 71 3.2.5 Port Control Register 2 (PTCNT2) ......................................................................... 72 3.3 Operating Mode Descriptions .............................................................................................. 73 3.3.1 Mode 2 .................................................................................................................... 73 3.4 Address Map ........................................................................................................................ 73 Section 4 Resets................................................................................................... 75 4.1 Types of Resets.................................................................................................................... 75 4.2 Input/Output Pin .................................................................................................................. 76 4.3 Register Descriptions ...........................................................................................................77 4.3.1 Reset Status Register (RSTSR)............................................................................... 77 4.3.2 System Control Register (SYSCR) ......................................................................... 78 4.3.3 Timer Control/Status Register (TCSR)................................................................... 80 4.4 Pin Reset .............................................................................................................................. 83 4.5 Power-on Reset .................................................................................................................... 84 4.6 Watchdog Timer Reset ........................................................................................................ 85 4.7 Determination of Reset Generation Source.......................................................................... 85 Section 5 Exception Handling ............................................................................. 87 5.1 Exception Handling Types and Priority............................................................................... 87 5.2 Exception Sources and Exception Vector Table .................................................................. 88 5.3 Reset .................................................................................................................................... 91 5.3.1 Reset Exception Handling ...................................................................................... 91 5.3.2 Interrupts Immediately after Reset.......................................................................... 92 5.3.3 On-Chip Peripheral Modules after Reset is Cancelled ........................................... 92 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |