Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 36 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 32Page - Renesas Technology Corp H8S/2112 Datasheet HTML 33Page - Renesas Technology Corp H8S/2112 Datasheet HTML 34Page - Renesas Technology Corp H8S/2112 Datasheet HTML 35Page - Renesas Technology Corp H8S/2112 Datasheet HTML 36Page - Renesas Technology Corp H8S/2112 Datasheet HTML 37Page - Renesas Technology Corp H8S/2112 Datasheet HTML 38Page - Renesas Technology Corp H8S/2112 Datasheet HTML 39Page - Renesas Technology Corp H8S/2112 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 894 page
background image
Section 1 Overview
Rev. 1.00 Mar. 18, 2008 Page 12 of 866
REJ09B0451-0100
1.4.2
Pin Assignment in Each Operating Mode
Table 1.3
Pin Assignment in Each Operating Mode
Pin No.
Pin Name
Single-Chip Mode
TFP-
144V
BP-
176V
TLP-
145V
Mode 2 (EXPE = 0)
1
A1
B1
VCC
2
C3
A1
P43/TMI1/TCMCKI1/TCMMCI1
3
B1
C2
P44/TMO1/PWMU2B/TCMCYI2
4
C2
B2
P45/PWMU3B/TCMCKI2/TCMMCI2
5
D3
C1
P46/PWMU4B
6
C1
C3
P47/PWMU5B
7
D2
D2
VSS
E4
NC
8
E3
D3
RES
D1
VSS
9
E2
D1
MD1
10
E1
E2
PH0/
ExIRQ6
11
F4
E3
NMI
12
F3
F2
PH1/
ExIRQ7
13
F1
E1
VCL
14 (N)
F2 (N)
E4 (N)
P52/SCL0
15
G4
F3
P51/FRxD
G3
NC
16
G1
G2
P50/FTxD
17 (N)
G2 (N)
F1 (N)
P97/SDA0/
IRQ15
H4
NC
H3
NC
18
H1
F4
P96/
φ/EXCL
19
H2
G4
P95/
IRQ14
20
J4
H4
P94/
IRQ13
21
J3
G1
P93/
IRQ12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com