Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 100 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 96Page - Renesas Technology Corp H8S/2112 Datasheet HTML 97Page - Renesas Technology Corp H8S/2112 Datasheet HTML 98Page - Renesas Technology Corp H8S/2112 Datasheet HTML 99Page - Renesas Technology Corp H8S/2112 Datasheet HTML 100Page - Renesas Technology Corp H8S/2112 Datasheet HTML 101Page - Renesas Technology Corp H8S/2112 Datasheet HTML 102Page - Renesas Technology Corp H8S/2112 Datasheet HTML 103Page - Renesas Technology Corp H8S/2112 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 894 page
background image
Section 4 Resets
Rev. 1.00 Mar. 18, 2008 Page 76 of 866
REJ09B0451-0100
Note that some registers are not initialized by any of the resets. The following describes the CPU
internal registers.
The PC, one of the CPU internal registers, is initialized by loading the start address from vector
addresses with the reset exception handling. At this time, the T bit in EXR is cleared to 0 and the I
bits in EXR and CCR are set to 1. The general registers and other bits in CCR are not initialized.
The initial value of the SP (ER7) is undefined. The SP should be initialized using the MOV.L
instruction immediately after a reset. For details, see section 2, CPU. For other registers that are
not initialized by a reset, see register descriptions in each section.
When a reset is canceled, the reset exception handling is started. For the reset exception handling,
see section 5.3, Reset.
4.2
Input/Output Pin
Table 4.2 shows the pin related to resets.
Table 4.2
Pin Configuration
Pin Name
Symbol
I/O
Function
Reset
RES
Input
Reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com