Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 28 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 24Page - Renesas Technology Corp H8S/2112 Datasheet HTML 25Page - Renesas Technology Corp H8S/2112 Datasheet HTML 26Page - Renesas Technology Corp H8S/2112 Datasheet HTML 27Page - Renesas Technology Corp H8S/2112 Datasheet HTML 28Page - Renesas Technology Corp H8S/2112 Datasheet HTML 29Page - Renesas Technology Corp H8S/2112 Datasheet HTML 30Page - Renesas Technology Corp H8S/2112 Datasheet HTML 31Page - Renesas Technology Corp H8S/2112 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 894 page
background image
Section 1 Overview
Rev. 1.00 Mar. 18, 2008 Page 4 of 866
REJ09B0451-0100
Classification
Module/
Function
Description
8-bit PWM
timer
(PWMU)
• 8-bit timers A/B × six channels
• Selectable from four clock sources
• Cycle selectable for each channel
• Supports 8-bit single pulse mode, 12-bit single pulse mode, 16-
bit single pulse mode, and 8-bit pulse division mode.
16-bit timer
pulse unit
(TPU)
• 16 bits × three channels
• Selectable from eight counter input clocks for each channel
• Maximum 8-pulse inputs/outputs
• The following operations can be set.
 Counter clear operation
 Multiple timer counters (TCNT) can be written to
simultaneously.
 Simultaneous clearing by compare match and input capture
possible
 Register simultaneous input/output possible by counter
synchronous operation
 Maximum of 7-phase PWM output possible by combination
with synchronous operation
• Supports buffer operation and phase counting mode (two-
phase encoder input) for some channels
• Supports input capture function
• Supports output compare function (waveform output at
compare match)
16-bit cycle
measurem-
ent timer
(TCM)
• 16 bits × three channels
• Selectable from seven clocks: six internal clocks and one
external clock
• Capable of measuring the periods of input waveforms
Timer
8-bit timer
(TMR)
• 8 bits × four channels (also works as 16 bits × two channels)
• Selectable from seven clocks: six internal clocks and one
external clock
• Pulse output or PWM output with an arbitrary duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com