Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 27 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 23Page - Renesas Technology Corp H8S/2112 Datasheet HTML 24Page - Renesas Technology Corp H8S/2112 Datasheet HTML 25Page - Renesas Technology Corp H8S/2112 Datasheet HTML 26Page - Renesas Technology Corp H8S/2112 Datasheet HTML 27Page - Renesas Technology Corp H8S/2112 Datasheet HTML 28Page - Renesas Technology Corp H8S/2112 Datasheet HTML 29Page - Renesas Technology Corp H8S/2112 Datasheet HTML 30Page - Renesas Technology Corp H8S/2112 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 894 page
background image
Section 1 Overview
Rev. 1.00 Mar. 18, 2008 Page 3 of 866
REJ09B0451-0100
Classification
Module/
Function
Description
CPU
MCU
operating
mode
Mode 2: Single-chip mode
(selected by driving the MD2 and MD0 pins low and MD1
pin high)
Mode 4: Boot mode
(selected by driving the MD2 high and MD1 and MD0 pins
low)
Mode 6: On-chip emulation mode
(selected by driving the MD2 and MD1 pins high and the
MD0 pin low)
Note: MD0 is not available as a pin and is internally fixed to 0.
• Power-down state (transition to the power-down state made by
the SLEEP instruction)
Interrupt
(source)
Interrupt
controller
• 49 external interrupt pins (NMI, IRQ15 to IRQ0 (ExIRQ15 to
ExIRQ6), KIN15 to KIN0, and WUE15 to WUE0)
• 50 internal interrupt sources
• Two interrupt control modes (specified by the system control
register)
• Two levels of interrupt priority orders specifiable (by setting the
interrupt control register)
• Independent vector addresses
Clock
Clock pulse
generator
(CPG)
• Two clock generation circuits
• Clock pulse generator and subclock input circuit
System clock (
φ) synchronization: 8 to 25 MHz
• Five power-down modes: Medium-speed mode, sleep mode,
watch mode, software standby mode, and module stop mode
A/D converter
A/D
converter
(ADC)
• 10-bit resolution × 12 input channels
• Sample and hold function included
• Conversion time: 4 µs per channel (with A/D conversion clock
ADCLK at 10 MHz operation)
• Two operating modes: single mode and scan mode
• Three methods to start A/D conversion: software and two timer
(TPU/TMR) triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com