| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2112 Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112 Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 894 page ![]() Rev. 1.00 Mar. 18, 2008 Page xxiii of xxiv Section 24 Power-Down Modes ........................................................................733 24.1 Register Descriptions ......................................................................................................... 734 24.1.1 Standby Control Register (SBYCR) ..................................................................... 734 24.1.2 Low-Power Control Register (LPWRCR) ............................................................ 737 24.1.3 Module Stop Control Registers H, L, A, and B (MSTPCRH, MSTPCRL, MSTPCRA, MSTPCRB) ...................................................................................... 738 24.2 Mode Transitions and LSI States ....................................................................................... 741 24.3 Medium-Speed Mode......................................................................................................... 743 24.4 Sleep Mode ........................................................................................................................ 744 24.5 Software Standby Mode..................................................................................................... 745 24.6 Watch Mode....................................................................................................................... 747 24.7 Module Stop Mode ............................................................................................................ 748 24.8 Usage Notes ....................................................................................................................... 748 24.8.1 I/O Port Status....................................................................................................... 748 24.8.2 Current Consumption when Waiting for Oscillation Stabilization ....................... 748 Section 25 List of Registers ...............................................................................749 25.1 Register Addresses (Address Order).................................................................................. 751 25.2 Register Bits....................................................................................................................... 770 25.3 Register States in Each Operating Mode ........................................................................... 784 25.4 Register Selection Condition ............................................................................................. 796 25.5 Register Addresses (Classification by Type of Module) ................................................... 813 Section 26 Electrical Characteristics .................................................................829 26.1 Absolute Maximum Ratings .............................................................................................. 829 26.2 DC Characteristics ............................................................................................................. 830 26.3 AC Characteristics ............................................................................................................. 837 26.3.1 Clock Timing ........................................................................................................ 837 26.3.2 Control Signal Timing .......................................................................................... 840 26.3.3 Timing of On-Chip Peripheral Modules ............................................................... 842 26.4 A/D Conversion Characteristics......................................................................................... 851 26.5 Flash Memory Characteristics ........................................................................................... 852 26.6 Power-on Reset Characteristics ......................................................................................... 853 26.7 Usage Notes ....................................................................................................................... 854 Appendix .........................................................................................................855 A. I/O Port States in Each Pin State........................................................................................ 855 B. Product Lineup................................................................................................................... 856 C. Package Dimensions .......................................................................................................... 857 D. Treatment of Unused Pins.................................................................................................. 860 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |