| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2112 Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112 Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 894 page ![]() Rev. 1.00 Mar. 18, 2008 Page xv of xxiv 11.4 Operation ........................................................................................................................... 303 11.4.1 Timer Mode .......................................................................................................... 303 11.4.2 Cycle Measurement Mode .................................................................................... 305 11.5 Interrupt Sources................................................................................................................ 310 11.6 Usage Notes ....................................................................................................................... 311 11.6.1 Conflict between TCMCNT Write and Count-Up Operation ............................... 311 11.6.2 Conflict between TCMMLCM Write and Compare Match.................................. 311 11.6.3 Conflict between TCMICR Read and Input Capture............................................ 312 11.6.4 Conflict between Edge Detection in Cycle Measurement Mode and Writing to TCMMLCM or TCMMINCM...................................................... 312 11.6.5 Conflict between Edge Detection in Cycle Measurement Mode and Clearing of TCMMDS Bit in TCMCR .......................................................... 313 11.6.6 Settings of TCMCKI and TCMMCI..................................................................... 313 11.6.7 Setting for Module Stop Mode ............................................................................. 313 Section 12 8-Bit Timer (TMR) ..........................................................................315 12.1 Features.............................................................................................................................. 315 12.2 Input/Output Pins ...............................................................................................................318 12.3 Register Descriptions ......................................................................................................... 319 12.3.1 Timer Counter (TCNT)......................................................................................... 321 12.3.2 Time Constant Register A (TCORA).................................................................... 321 12.3.3 Time Constant Register B (TCORB) .................................................................... 321 12.3.4 Timer Control Register (TCR).............................................................................. 322 12.3.5 Timer Control/Status Register (TCSR)................................................................. 326 12.3.6 Time Constant Register C (TCORC) .................................................................... 331 12.3.7 Input Capture Registers R and F (TICRR and TICRF)......................................... 331 12.3.8 Timer Connection Register I (TCONRI) .............................................................. 332 12.3.9 Timer Connection Register S (TCONRS) ............................................................ 332 12.3.10 Timer XY Control Register (TCRXY) ................................................................. 333 12.4 Operation ........................................................................................................................... 334 12.4.1 Pulse Output.......................................................................................................... 334 12.5 Operation Timing............................................................................................................... 335 12.5.1 TCNT Count Timing ............................................................................................ 335 12.5.2 Timing of CMFA and CMFB Setting at Compare-Match .................................... 336 12.5.3 Timing of Timer Output at Compare-Match......................................................... 336 12.5.4 Timing of Counter Clear at Compare-Match ........................................................ 337 12.5.5 TCNT External Reset Timing............................................................................... 337 12.5.6 Timing of Overflow Flag (OVF) Setting .............................................................. 338 12.6 TMR_0 and TMR_1 Cascaded Connection ....................................................................... 339 12.6.1 16-Bit Count Mode ............................................................................................... 339 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |