Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 37 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 33Page - Renesas Technology Corp H8S/2112 Datasheet HTML 34Page - Renesas Technology Corp H8S/2112 Datasheet HTML 35Page - Renesas Technology Corp H8S/2112 Datasheet HTML 36Page - Renesas Technology Corp H8S/2112 Datasheet HTML 37Page - Renesas Technology Corp H8S/2112 Datasheet HTML 38Page - Renesas Technology Corp H8S/2112 Datasheet HTML 39Page - Renesas Technology Corp H8S/2112 Datasheet HTML 40Page - Renesas Technology Corp H8S/2112 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 894 page
background image
Section 1 Overview
Rev. 1.00 Mar. 18, 2008 Page 13 of 866
REJ09B0451-0100
Pin No.
Pin Name
Single-Chip Mode
TFP-
144V
BP-
176V
TLP-
145V
Mode 2 (EXPE = 0)
22
J1
H2
P92/
IRQ0
23
J2
G3
P91/
IRQ1
24
K4
J4
P90/
IRQ2
K3
NC
25
K1
H1
MD2
26
K2
J2
PH2
L3
NC
27
L1
H3
ETRST
28 (T) L2 (T)
K4 (T)
PE4
*/ETMS
29
L4
J1
PE3
*/ETDO
30 (T) M1 (T)
K2 (T)
PE2
*/ETDI
31 (T) M2 (T)
J3 (T)
PE1*/ETCK
32 (T) M3 (T)
K1 (T)
PE0/ExEXCL
33 (N) N1 (N)
L2 (N)
PA7/
KIN15
34 (N) M4 (N)
K3 (N)
PA6/
KIN14
35 (N) N2 (N)
L1 (N)
PA5/
KIN13/PS2BD
36
P1
M1
VCC
P2
VCC
37 (N) R1 (N)
N2 (N)
PA4/
KIN12/PS2BC
38 (N) N3 (N)
M2 (N)
PA3/
KIN11/PS2AD
39 (N) R2 (N)
M3 (N)
PA2/
KIN10/PS2AC
40 (N) P3 (N)
N1 (N)
PA1/
KIN9
N4
NC
41 (N) R3 (N)
N3 (N)
PA0/
KIN8
42
P4
L3
VSS
M5
NC
R4
VSS
43
N5
M4
PF7/PWMU5A
44
P5
L4
PF6/PWMU4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com