Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 84 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 80Page - Renesas Technology Corp H8S/2112 Datasheet HTML 81Page - Renesas Technology Corp H8S/2112 Datasheet HTML 82Page - Renesas Technology Corp H8S/2112 Datasheet HTML 83Page - Renesas Technology Corp H8S/2112 Datasheet HTML 84Page - Renesas Technology Corp H8S/2112 Datasheet HTML 85Page - Renesas Technology Corp H8S/2112 Datasheet HTML 86Page - Renesas Technology Corp H8S/2112 Datasheet HTML 87Page - Renesas Technology Corp H8S/2112 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 894 page
background image
Section 2 CPU
Rev. 1.00 Mar. 18, 2008 Page 60 of 866
REJ09B0451-0100
2.8
Processing States
The H8S/2000 CPU has four main processing states: the reset state, exception handling state,
program execution state and power-down state. Figure 2.11 indicates the state transitions.
• Reset State
In this state, the CPU and all on-chip peripheral modules are initialized and not operating.
When the
RES input goes low, all current processing stops and the CPU enters the reset state.
All interrupts are masked in the reset state. Reset exception handling starts when the
RES
signal changes from low to high. For details, refer to section 5, Exception Handling.
The reset state can also be entered by a watchdog timer overflow or low voltage detection in
the low voltage detection circuit.
• Exception-Handling State
The exception-handling state is a transient state that occurs when the CPU alters the normal
processing flow due to an exception source, such as a reset, trace, interrupt, or trap instruction.
The CPU fetches a start address (vector) from the exception vector table and branches to that
address. For further details, refer to section 5, Exception Handling.
• Program Execution State
In this state, the CPU executes program instructions in sequence.
• Program Stop State
This is a power-down state in which the CPU stops operating. The program stop state occurs
when a SLEEP instruction is executed or the CPU enters software standby mode. For further
details, refer to section 24, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com