Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 48 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 44Page - Renesas Technology Corp H8S/2112 Datasheet HTML 45Page - Renesas Technology Corp H8S/2112 Datasheet HTML 46Page - Renesas Technology Corp H8S/2112 Datasheet HTML 47Page - Renesas Technology Corp H8S/2112 Datasheet HTML 48Page - Renesas Technology Corp H8S/2112 Datasheet HTML 49Page - Renesas Technology Corp H8S/2112 Datasheet HTML 50Page - Renesas Technology Corp H8S/2112 Datasheet HTML 51Page - Renesas Technology Corp H8S/2112 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 894 page
background image
Section 1 Overview
Rev. 1.00 Mar. 18, 2008 Page 24 of 866
REJ09B0451-0100
Pin No.
Type
Symbol
TFP-
144V
BP-176V
TLP-
145V
I/O
Name and Function
AN11 to
AN0
63 to 66,
75 to 68
N11, R11,
P11, M11,
P15, N13,
R15, P14,
R14, P13,
R13, N12
L8, K10,
N9, M10,
L12, N13,
M13,
N12,
N11, L10,
M11, N10
Input
Analog input pins
AVCC
76
N14, N15 M12
Input
Analog power supply pin for
the A/D converter
When the A/D converter is
not used, this pin should be
connected to the system
power supply (+3 V).
AVref
77
M14, M15 L11
Input
Reference power supply pin
for the A/D converter
When the A/D converter is
not used, this pin should be
connected to the system
power supply (+3 V).
A/D converter
AVSS
67
R12, P12 L9
Input
Ground pin for the A/D
converter. This pin should
be connected to the system
power supply (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com