Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 361 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 357Page - Renesas Technology Corp H8S/2112 Datasheet HTML 358Page - Renesas Technology Corp H8S/2112 Datasheet HTML 359Page - Renesas Technology Corp H8S/2112 Datasheet HTML 360Page - Renesas Technology Corp H8S/2112 Datasheet HTML 361Page - Renesas Technology Corp H8S/2112 Datasheet HTML 362Page - Renesas Technology Corp H8S/2112 Datasheet HTML 363Page - Renesas Technology Corp H8S/2112 Datasheet HTML 364Page - Renesas Technology Corp H8S/2112 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 894 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 Mar. 18, 2008 Page 337 of 866
REJ09B0451-0100
12.5.4
Timing of Counter Clear at Compare-Match
TCNT is cleared when compare-match A or compare-match B occurs, depending on the setting of
the CCLR1 and CCLR0 bits in TCR. Figure 12.8 shows the timing of clearing the counter by a
compare-match.
φ
N
H'00
Compare-match
signal
TCNT
Figure 12.8 Timing of Counter Clear by Compare-Match
12.5.5
TCNT External Reset Timing
TCNT is cleared at the rising edge of an external reset input, depending on the settings of the
CCLR1 and CCLR0 bits in TCR. The width of the clearing pulse must be at least 1.5 states. Figure
12.9 shows the timing of clearing the counter by an external reset input.
φ
Clear signal
External reset
input pin
TCNT
N
H'00
N – 1
Figure 12.9 Timing of Counter Clear by External Reset Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com