Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 399 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 395Page - Renesas Technology Corp H8S/2112 Datasheet HTML 396Page - Renesas Technology Corp H8S/2112 Datasheet HTML 397Page - Renesas Technology Corp H8S/2112 Datasheet HTML 398Page - Renesas Technology Corp H8S/2112 Datasheet HTML 399Page - Renesas Technology Corp H8S/2112 Datasheet HTML 400Page - Renesas Technology Corp H8S/2112 Datasheet HTML 401Page - Renesas Technology Corp H8S/2112 Datasheet HTML 402Page - Renesas Technology Corp H8S/2112 Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 375 of 866
REJ09B0451-0100
• Bit Functions in Smart Card Interface Mode (when SMIF in SCMR = 1)
Bit
Bit Name
Initial Value
R/W
Description
7
TDRE
1
R/(W)* Transmit Data Register Empty
Indicates whether TDR contains transmit data.
[Setting conditions]
When the TE bit in SCR is 0
When data is transferred from TDR to TSR, and
TDR can be written to.
[Clearing condition]
When 0 is written to TDRE after reading TDRE = 1
6
RDRF
0
R/(W)*
1
Receive Data Register Full
Indicates that receive data is stored in RDR.
[Setting condition]
When serial reception ends normally and receive
data is transferred from RSR to RDR
[Clearing condition]
When 0 is written to RDRF after reading RDRF = 1
The RDRF flag is not affected and retains its
previous value when the RE bit in SCR is cleared
to 0.
5
ORER
0
R/(W)*
1
Overrun Error
[Setting condition]
When the next serial reception is completed while
RDRF = 1
[Clearing condition]
When 0 is written to ORER after reading ORER =
1
4
ERS
0
R/(W)*
1
Error Signal Status
[Setting condition]
When a low error signal is sampled
[Clearing condition]
When 0 is written to ERS after reading ERS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com