Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 407 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 403Page - Renesas Technology Corp H8S/2112 Datasheet HTML 404Page - Renesas Technology Corp H8S/2112 Datasheet HTML 405Page - Renesas Technology Corp H8S/2112 Datasheet HTML 406Page - Renesas Technology Corp H8S/2112 Datasheet HTML 407Page - Renesas Technology Corp H8S/2112 Datasheet HTML 408Page - Renesas Technology Corp H8S/2112 Datasheet HTML 409Page - Renesas Technology Corp H8S/2112 Datasheet HTML 410Page - Renesas Technology Corp H8S/2112 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 383 of 866
REJ09B0451-0100
Table 14.7
Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
8
1.3333
1333333.3
16
2.6667
2666666.7
10
1.6667
1666666.7
18
3.0000
3000000.0
12
2.0000
2000000.0
20
3.3333
3333333.3
14
2.3333
2333333.3
25
4.1667
4166666.7
Table 14.8
BRR Settings for Various Bit Rates (Smart Card Interface Mode, n = 0, S= 372)
Operating Frequency
φ (MHz)
10.00
13.00
14.2848
16.00
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error (%) n
N
Error
(%)
9600
0
1
30
0
1
–8.99
0
1
0.00
0
1
12.01
Operating Frequency
φ (MHz)
18.00
20.00
25.00
Bit Rate
(bit/s)
n
N
Error (%)
n
N
Error (%) n
N
Error (%)
9600
0
2
–15.99
0
2
–6.65
0
3
–12.49
Table 14.9
Maximum Bit Rate for Each Frequency (Smart Card Interface Mode, S = 372)
φ (MHz)
Maximum Bit
Rate
(bit/s)
n
N
φ (MHz)
Maximum Bit
Rate
(bit/s)
n
N
10.00
13441
0
0
16.00
21505
0
0
13.00
17473
0
0
18.00
24194
0
0
14.2848
19200
0
0
20.00
26882
0
0
25.00
33602
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com