Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 444 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 440Page - Renesas Technology Corp H8S/2112 Datasheet HTML 441Page - Renesas Technology Corp H8S/2112 Datasheet HTML 442Page - Renesas Technology Corp H8S/2112 Datasheet HTML 443Page - Renesas Technology Corp H8S/2112 Datasheet HTML 444Page - Renesas Technology Corp H8S/2112 Datasheet HTML 445Page - Renesas Technology Corp H8S/2112 Datasheet HTML 446Page - Renesas Technology Corp H8S/2112 Datasheet HTML 447Page - Renesas Technology Corp H8S/2112 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 420 of 866
REJ09B0451-0100
(2)
At Transition from Smart Card Interface Mode to Software Standby Mode
1. Set the port data register (DR) and data direction register (DDR) corresponding to the SCK
pins to the values for the output fixed state in software standby mode.
2. Write 0 to the TE and RE bits in SCR to stop transmission/reception. Simultaneously, set the
CKE1 bit to the value for the output fixed state in software standby mode.
3. Write 0 to the CKE0 bit in SCR to stop the clock.
4. Wait for one cycle of the serial clock. In the mean time, the clock output is fixed to the
specified level with the duty ratio retained.
5. Make the transition to software standby mode.
(3)
At Transition from Software Standby Mode to Smart Card Interface Mode
1. Cancel software standby mode.
2.
Write 1 to the CKE0 bit in SCR to start clock output. A clock signal with the appropriate duty
ratio is then generated.
[1] [2] [3]
[4] [5]
[2]
Software
standby
Normal operation
Normal operation
[1]
Figure 14.32 Clock Stop and Restart Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com