Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 449 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 445Page - Renesas Technology Corp H8S/2112 Datasheet HTML 446Page - Renesas Technology Corp H8S/2112 Datasheet HTML 447Page - Renesas Technology Corp H8S/2112 Datasheet HTML 448Page - Renesas Technology Corp H8S/2112 Datasheet HTML 449Page - Renesas Technology Corp H8S/2112 Datasheet HTML 450Page - Renesas Technology Corp H8S/2112 Datasheet HTML 451Page - Renesas Technology Corp H8S/2112 Datasheet HTML 452Page - Renesas Technology Corp H8S/2112 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 894 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 Mar. 18, 2008 Page 425 of 866
REJ09B0451-0100
TE bit
SCK
output pin
TxD
output pin
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Figure 14.34 Pin States during Transmission in Asynchronous Mode (Internal Clock)
TE bit
SCK
output pin
TxD
output pin
Port input/output
Port
input/output
Port
input/output
High output*
Marking output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Last TxD bit retained
Note: Initialized in software standby mode
Figure 14.35 Pin States during Transmission in Clocked Synchronous Mode
(Internal Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com