Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 456 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 452Page - Renesas Technology Corp H8S/2112 Datasheet HTML 453Page - Renesas Technology Corp H8S/2112 Datasheet HTML 454Page - Renesas Technology Corp H8S/2112 Datasheet HTML 455Page - Renesas Technology Corp H8S/2112 Datasheet HTML 456Page - Renesas Technology Corp H8S/2112 Datasheet HTML 457Page - Renesas Technology Corp H8S/2112 Datasheet HTML 458Page - Renesas Technology Corp H8S/2112 Datasheet HTML 459Page - Renesas Technology Corp H8S/2112 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 894 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Mar. 18, 2008 Page 432 of 866
REJ09B0451-0100
15.3
Register Descriptions
The SCIF has the following registers. The register configuration of the SCIF is shown below.
Access to the registers is switched by the SCIFE bit in HICR5 and bit 3 in MSTPCRB. For details,
see table 15.3. For the SCIF address registers H and L (SCIFADRH, SCIFADRL) and serial IRQ
control register 4 (SIRQCR4), see section 19, LPC Interface (LPC).
Table 15.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data
Bus
Width
Host interface control register 5
HICR5
R/W
H'00
H'FFFE33
8
Module stop control register B
MSTPCRB
R/W
H'00
H'FFFE7F
8
Receive buffer register
FRBR
R
H'00
Transmitter holding register
FTHR
W
Divisor latch L
FDLL
R/W
H'00
H'FFFC20
8
Interrupt enable register
FIER
R/W
H'00
Divisor latch H
FDLH
R/W
H'00
H'FFFC21
8
Interrupt identification register
FIIR
R
H'01
FIFO control register
FFCR
W
H'00
H'FFFC22
8
Line control register
FLCR
R/W
H'00
H'FFFC23
8
Modem control register
FMCR
R/W
H'00
H'FFFC24
8
Line status register
FLSR
R
H'60
H'FFFC25
8
Modem status register
FMSR
R
H'FFFC26
8
Scratch pad register
FSCR
R/W
H'00
H'FFFC27
8
SCIF control register
SCIFCR
R/W
H'00
H'FFFC28
8
SCIF address register H
SCIFADRH
R/W
H'03
H'FFFDC4
8
SCIF address register L
SCIFADRL
R/W
H'F8
H'FFFDC5
8
Serial IRQ control register 4
SIRQCR4
R/W
H'00
H'FFFE3B
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com