Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 523 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 519Page - Renesas Technology Corp H8S/2112 Datasheet HTML 520Page - Renesas Technology Corp H8S/2112 Datasheet HTML 521Page - Renesas Technology Corp H8S/2112 Datasheet HTML 522Page - Renesas Technology Corp H8S/2112 Datasheet HTML 523Page - Renesas Technology Corp H8S/2112 Datasheet HTML 524Page - Renesas Technology Corp H8S/2112 Datasheet HTML 525Page - Renesas Technology Corp H8S/2112 Datasheet HTML 526Page - Renesas Technology Corp H8S/2112 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 894 page
background image
Section 16 I
2C Bus Interface (IIC)
Rev. 1.00 Mar. 18, 2008 Page 499 of 866
REJ09B0451-0100
The master mode transmission procedure and operations are described below.
1. Initialize the IIC as described in section 16.4.2, Initialization.
2. Read the BBSY flag in ICCR to confirm that the bus is free.
3. Set bits MST and TRS to 1 in ICCR to select master transmit mode.
4. Write 1 to BBSY and 0 to SCP in ICCR. This changes SDA from high to low when SCL is
high, and generates the start condition.
5. Then the IRIC and IRTR flags are set to 1. If the IEIC bit in ICCR has been set to 1, an
interrupt request is sent to the CPU.
6. Write the data (slave address + R/
W) to ICDR.
With the I
2C bus format (when the FS bit in SAR or the FSX bit in SARX is 0), the first frame
data following the start condition indicates the 7-bit slave address and transmit/receive
direction (R/
W).
To determine the end of the transfer, the IRIC flag is cleared to 0. After writing to ICDR, clear
IRIC continuously so no other interrupt handling routine is executed. If the time for
transmission of one frame of data has passed before the IRIC clearing, the end of transmission
cannot be determined. The master device sequentially sends the transmission clock and the
data written to ICDR. The selected slave device (i.e. the slave device with the matching slave
address) drives SDA low at the 9th transmit clock pulse and returns an acknowledge signal.
7. When one frame of data has been transmitted, the IRIC flag is set to 1 at the rise of the 9th
transmit clock pulse. After one frame has been transmitted, SCL is automatically fixed low in
synchronization with the internal clock until the next transmit data is written.
8. Read the ACKB bit in ICSR to confirm that ACKB is cleared to 0. When the slave device has
not acknowledged (ACKB bit is 1), operate step [12] to end transmission, and retry the
transmit operation.
9. Write the transmit data to ICDR.
As indicating the end of the transfer, the IRIC flag is cleared to 0. Perform the ICDR write and
the IRIC flag clearing sequentially, just as in step [6]. Transmission of the next frame is
performed in synchronization with the internal clock.
10. When one frame of data has been transmitted, the IRIC flag is set to 1 at the rise of the 9th
transmit clock pulse. After one frame has been transmitted, SCL is automatically fixed low in
synchronization with the internal clock until the next transmit data is written.
11. Read the ACKB bit in ICSR.
Confirm that the slave device has been acknowledged (ACKB bit is 0). When there is still data
to be transmitted, go to step [9] to continue the next transmission operation. When the slave
device has not acknowledged (ACKB bit is set to 1), operate step [12] to end transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com