Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 207 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 203Page - Renesas Technology Corp H8S/2112 Datasheet HTML 204Page - Renesas Technology Corp H8S/2112 Datasheet HTML 205Page - Renesas Technology Corp H8S/2112 Datasheet HTML 206Page - Renesas Technology Corp H8S/2112 Datasheet HTML 207Page - Renesas Technology Corp H8S/2112 Datasheet HTML 208Page - Renesas Technology Corp H8S/2112 Datasheet HTML 209Page - Renesas Technology Corp H8S/2112 Datasheet HTML 210Page - Renesas Technology Corp H8S/2112 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 183 of 866
REJ09B0451-0100
(7)
PC1/
WUE9/TIOCB0
The pin function is switched as shown below according to the combination of the TPU channel 0
setting and the PC1DDR bit.
When the WUEMR9 bit in WUEMRA of the interrupt controller is cleared to 0, this pin functions
as the
WUE9 input pin.
TPU channel 0 setting
Input setting or initial value
Output setting
PC1DDR
0
1
PC1 input pin
PC1 output pin
TIOCB0 input pin*
TIOCB0 output pin
Pin function
WUE9 input pin
Note:
*
This pin functions as the TIOCB0 input pin when the TPU channel 0 timer is set to
normal operation mode, or to phase counting mode while the IOB3 to IOB0 bits in
TIORH_0 are set to B'10xx. (x: Don't care)
(8)
PC0/
WUE8/TIOCA0
The pin function is switched as shown below according to the combination of the TPU channel 0
setting and the PC0DDR bit.
When the WUEMR8 bit in WUEMRA of the interrupt controller is cleared to 0, this pin functions
as the
WUE8 input pin.
TPU channel 0 setting
Input setting or initial value
Output setting
PC0DDR
0
1
PC0 input pin
PC0 output pin
TIOCA0 input pin*
TIOCA0 output pin
Pin function
WUE8 input pin
Note:
*
This pin functions as the TIOCA0 input pin when the TPU channel 0 timer is set to
normal operation mode, or to phase counting mode while the IOA3 to IOA0 bits in
TIORH_0 are set to B'10xx. (x: Don't care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com