Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 212 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 208Page - Renesas Technology Corp H8S/2112 Datasheet HTML 209Page - Renesas Technology Corp H8S/2112 Datasheet HTML 210Page - Renesas Technology Corp H8S/2112 Datasheet HTML 211Page - Renesas Technology Corp H8S/2112 Datasheet HTML 212Page - Renesas Technology Corp H8S/2112 Datasheet HTML 213Page - Renesas Technology Corp H8S/2112 Datasheet HTML 214Page - Renesas Technology Corp H8S/2112 Datasheet HTML 215Page - Renesas Technology Corp H8S/2112 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 188 of 866
REJ09B0451-0100
8.2.16
Port G
(1)
PG7/SCLB/
ExIRQ15
The pin function is switched as shown below according to the combination of the ICE bit in ICCR
of IIC_2, the IIC2AS bit in IIC2BS of PTCNT1, and the PG7DDR bit. When the ISS15 bit in
ISSR16 is set to 1 and the IRQ15E bit in IER16 of the interrupt controller is set to 1, this pin can
be used as the
ExIRQ15 input pin. SCLD_EN in the following table is expressed by the following
logical expression.
SCLD_EN = ICE·IIC2BS·IIC2AS
SCLD_EN
0
1
PG7DDR
0
1
PG7 input pin
PG7 output pin
SCLD I/O pin
Pin function
ExIRQ15 input pin
Note:
The output format for SCLD is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG7 output pin, the output format is NMOS push-pull.
(2)
PG6/SDAD/
ExIRQ14
The pin function is switched as shown below according to the combination of the ICE bit in ICCR
of IIC_2, the IIC2AS bit in IIC2BS of PTCNT1, and the PG6DDR bit. When the ISS14 bit in
ISSR16 is set to 1 and the IRQ14E bit in IER16 of the interrupt controller is set to 1, this pin can
be used as the
ExIRQ14 input pin. SDAD_EN in the following table is expressed by the following
logical expression.
SDAD_EN = ICE·IIC2BS·IIC2AS
SDAD_EN
0
1
PG6DDR
0
1
PG6 input pin
PG6 output pin
SDAD I/O pin
Pin function
ExIRQ14 input pin
Note:
The output format for SDAD is NMOS output only, and direct bus drive is possible. When
this pin is used as the PG6 output pin, the output format is NMOS push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com