Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 217 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 213Page - Renesas Technology Corp H8S/2112 Datasheet HTML 214Page - Renesas Technology Corp H8S/2112 Datasheet HTML 215Page - Renesas Technology Corp H8S/2112 Datasheet HTML 216Page - Renesas Technology Corp H8S/2112 Datasheet HTML 217Page - Renesas Technology Corp H8S/2112 Datasheet HTML 218Page - Renesas Technology Corp H8S/2112 Datasheet HTML 219Page - Renesas Technology Corp H8S/2112 Datasheet HTML 220Page - Renesas Technology Corp H8S/2112 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 193 of 866
REJ09B0451-0100
8.3
Change of Peripheral Function Pins
For the external sub-clock input and IIC input/output, the multi-function I/O ports can be changed.
The external interrupt can be changed by the setting of ISSR16 and ISSR. I/O ports that also
function as the external sub-clock input pin are changed by the setting of PTCNT0. For IIC
input/output, change the setting of PTCNT1. The pin name of the peripheral function is indicated
by adding ‘Ex’ at the head of the original pin name. In each peripheral function description, only
the original pin name is used.
The following registers are available as the port control register.
• Port control register 0 (PTCNT0)
• Port control register 1 (PTCNT1)
• Port control register 2 (PTCNT2)
8.3.1
Port Control Register 0 (PTCNT0)
PTCNT0 selects ports that also function as the external sub-clock input pin.
Bit
Bit Name
Initial Value
R/W
Description
7 to 1
All 0
R/W
Reserved
The initial value should not be changed.
0
EXCLS
0
R/W
0: P96/EXCL is selected.
1: PE0/ExEXCL is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com