Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 277 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 273Page - Renesas Technology Corp H8S/2112 Datasheet HTML 274Page - Renesas Technology Corp H8S/2112 Datasheet HTML 275Page - Renesas Technology Corp H8S/2112 Datasheet HTML 276Page - Renesas Technology Corp H8S/2112 Datasheet HTML 277Page - Renesas Technology Corp H8S/2112 Datasheet HTML 278Page - Renesas Technology Corp H8S/2112 Datasheet HTML 279Page - Renesas Technology Corp H8S/2112 Datasheet HTML 280Page - Renesas Technology Corp H8S/2112 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 894 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Mar. 18, 2008 Page 253 of 866
REJ09B0451-0100
10.5
Operation
10.5.1
Basic Functions
Each channel has a TCNT and TGR. TCNT performs up-counting, and is also capable of free-
running operation, synchronous counting, and external event counting. Each TGR can be used as
an input capture register or output compare register.
(1)
Counter Operation
When one of bits CST0 to CST2 is set to 1 in TSTR, the TCNT counter for the corresponding
channel starts counting. TCNT can operate as a free-running counter, periodic counter, and so on.
(a)
Example of count operation setting procedure
Figure 10.6 shows an example of the count operation setting procedure.
Operation selection
Select counter clock
Periodic counter
Select counter clearing source
Select output compare register
Set period
Free-running counter
Start count operation
<Free-running counter>
<Periodic counter>
Start count operation
Select the counter clock with bits
TPSC2 to TPSC0 inTCR.
At the same time, select the input
clock edge with bits CKEG1 and
CKEG0 in TCR.
For periodic counter operation,
select the TGR to be used as the
TCNT clearing source with bits
CCLR2 to CCLR0 in TCR.
Designate the TGR selected in [2]
as an output compare register by
means of TIOR.
Set the periodic counter cycle in
the TGR selected in [2].
Set the CST bit in TSTR to 1 to
start the counter operation.
[1]
[1]
[2]
[2]
[3]
[3]
[4]
[4]
[5]
[5]
Figure 10.6 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com