Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 299 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 295Page - Renesas Technology Corp H8S/2112 Datasheet HTML 296Page - Renesas Technology Corp H8S/2112 Datasheet HTML 297Page - Renesas Technology Corp H8S/2112 Datasheet HTML 298Page - Renesas Technology Corp H8S/2112 Datasheet HTML 299Page - Renesas Technology Corp H8S/2112 Datasheet HTML 300Page - Renesas Technology Corp H8S/2112 Datasheet HTML 301Page - Renesas Technology Corp H8S/2112 Datasheet HTML 302Page - Renesas Technology Corp H8S/2112 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 894 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Mar. 18, 2008 Page 275 of 866
REJ09B0451-0100
(1)
Input Capture/Compare Match Interrupt
An interrupt is requested if the TGIE bit in TIER is set to 1 when the TGF flag in TSR is set to 1
by the occurrence of a TGR input capture/compare match on a particular channel. The interrupt
request is cleared by clearing the TGF flag to 0. The TPU has 8 input capture/compare match
interrupts, four each for channel 0, and two each for channels 1 and 2.
(2)
Overflow Interrupt
An interrupt is requested if the TCIEV bit in TIER is set to 1 when the TCFV flag in TSR is set to
1 by the occurrence of TCNT overflow on a channel. The interrupt request is cleared by clearing
the TCFV flag to 0. The TPU has three overflow interrupts, one for each channel.
(3)
Underflow Interrupt
An interrupt is requested if the TCIEU bit in TIER is set to 1 when the TCFU flag in TSR is set to
1 by the occurrence of TCNT underflow on a channel. The interrupt request is cleared by clearing
the TCFU flag to 0. The TPU has two underflow interrupts, one each for channels 1 and 2.
10.6.2
A/D Converter Activation
The A/D converter can be activated by the TGRA input capture/compare match for a channel. If
the TTGE bit in TIER is set to 1 when the TGFA flag in TSR is set to 1 by the occurrence of a
TGRA input capture/compare match on a particular channel, a request to start A/D conversion is
sent to the A/D converter. If the TPU conversion start trigger has been selected on the A/D
converter side at this time, A/D conversion is started. In the TPU, a total of three TGRA input
capture/compare match interrupts can be used as A/D converter conversion start sources, one for
each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com