Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112 Datasheet(PDF) 309 Page - Renesas Technology Corp

No. de pieza H8S/2112
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 305Page - Renesas Technology Corp H8S/2112 Datasheet HTML 306Page - Renesas Technology Corp H8S/2112 Datasheet HTML 307Page - Renesas Technology Corp H8S/2112 Datasheet HTML 308Page - Renesas Technology Corp H8S/2112 Datasheet HTML 309Page - Renesas Technology Corp H8S/2112 Datasheet HTML 310Page - Renesas Technology Corp H8S/2112 Datasheet HTML 311Page - Renesas Technology Corp H8S/2112 Datasheet HTML 312Page - Renesas Technology Corp H8S/2112 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 894 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Mar. 18, 2008 Page 285 of 866
REJ09B0451-0100
10.8.5
Conflict between TGR Write and Compare Match
If a compare match occurs in the T
2 state of a TGR write cycle, the TGR write takes precedence
and the compare match signal is inhibited. A compare match does not occur even if the same value
as before is written. Figure 10.46 shows the timing in this case.
Compare
match signal
Write signal
Address
φ
TGR address
TCNT
TGR write cycle
T1
T2
NM
TGR write data
TGR
N
N+1
Prohibited
Figure 10.46 Conflict between TGR Write and Compare Match
10.8.6
Conflict between Buffer Register Write and Compare Match
If a compare match occurs in the T
2 state of a TGR write cycle, the data transferred to TGR by the
buffer operation will be the data prior to the write. Figure 10.47 shows the timing in this case.
Compare
match signal
Write signal
Address
φ
Buffer register
address
Buffer
register
TGR write cycle
T1
T2
N
TGR
NM
Buffer register write data
Figure 10.47 Conflict between Buffer Register Write and Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com