Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 110 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 106Page - Renesas Technology Corp H8S/2112R Datasheet HTML 107Page - Renesas Technology Corp H8S/2112R Datasheet HTML 108Page - Renesas Technology Corp H8S/2112R Datasheet HTML 109Page - Renesas Technology Corp H8S/2112R Datasheet HTML 110Page - Renesas Technology Corp H8S/2112R Datasheet HTML 111Page - Renesas Technology Corp H8S/2112R Datasheet HTML 112Page - Renesas Technology Corp H8S/2112R Datasheet HTML 113Page - Renesas Technology Corp H8S/2112R Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 984 page
background image
Section 4 Resets
Rev. 1.00 May 09, 2008 Page 84 of 954
REJ09B0462-0100
4.5
Power-on Reset
This is an internal reset generated by the power-on reset. A power-on with the
RES pin held high
generates the power-on reset. When VCC exceeds the level of Vpor, the power-on reset is
canceled after the elapse of the specified time (the power-on reset time). The power-on reset time
is the stabilization time for the external power supply and LSI. When the power supply voltage
falls down with
RES pin held high and the VCC goes below the level of Vpor, a power-on reset is
generated. Then when the VCC rises to exceed the level of Vpor, the power-on reset is canceled
after the elapse of the power-on reset time. If a power-on reset is generated, the PORF bit in
RSTSR is set to 1. The PORF bit is a read-only register that can be initialized only by resetting the
pin. Figure 4.2 shows the operation of the power-on reset.
Vpor*1
External
power supply
Vcc
RES pin
Internal reset
signal*2 (enabled
when in low state)
Power-on reset
signal (enabled
when in low state)
PORF
(logical value)
Note: For details on the electrical characteristics, see section 28, Electrical characteristics.
1. Vpor indicates the level of the power-on reset detection.
2. The internal reset signal initializes the internal state of bits other than the bit PORF
and the state of the pins.
3. Tpor indicates the power-on reset time.
Reset state
Reset state
Tpor
*3
Tpor
*3
Reset state
Set
Set
Figure 4.2 The Operation of the Power-On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com