Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2112R Datasheet(PDF) 111 Page - Renesas Technology Corp

No. de pieza H8S/2112R
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 107Page - Renesas Technology Corp H8S/2112R Datasheet HTML 108Page - Renesas Technology Corp H8S/2112R Datasheet HTML 109Page - Renesas Technology Corp H8S/2112R Datasheet HTML 110Page - Renesas Technology Corp H8S/2112R Datasheet HTML 111Page - Renesas Technology Corp H8S/2112R Datasheet HTML 112Page - Renesas Technology Corp H8S/2112R Datasheet HTML 113Page - Renesas Technology Corp H8S/2112R Datasheet HTML 114Page - Renesas Technology Corp H8S/2112R Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 984 page
background image
Section 4 Resets
Rev. 1.00 May 09, 2008 Page 85 of 954
REJ09B0462-0100
After the VCC is turned on with the
RES pin held low, namely in the state of pin reset, if the RES
pin is driven high in the state that the VCC stays higher than the level of Vpor, the power-on reset
function is disabled and a reset exception handling starts before entering the power-on reset time.
In this case, the PORF bit is cleared to 0. When the VCC is below the level of Vpor and the
RES
pin is driven high, the power-on reset is enabled. In this case, when the VCC reaches or exceeds
the level of Vpor and stays at the level after the elapse of the power-on reset time, the power-on
reset is canceled and a reset exception handling starts. At this time, the PORF bit is set to 1.
4.6
Watchdog Timer Reset
This is an internal reset generated by the watchdog timer.
When the RST/
NMI bit in TCSR is set to 1, if the TCNT overflows, a watchdog timer reset is
issued for 518 system clocks.
For details of the watchdog timer reset, see section 13, Watchdog Timer (WDT).
4.7
Determination of Reset Generation Source
Reading RSTSR and SYSCR determines which reset generation source was used to execute the
reset exception handling. Figure 4.3 shows an example the flow to identify a reset generation
source.
Reset
exception handling
SYSCR.
XRST = 0
No
Yes
No
Yes
RSTSR.
PORF=1
Power-on reset
Pin reset
Watchdog timer reset
Figure 4.3 Example of Reset Generation Source Determination Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com