Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 350 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 346Page - Renesas Technology Corp H8S/20103 Datasheet HTML 347Page - Renesas Technology Corp H8S/20103 Datasheet HTML 348Page - Renesas Technology Corp H8S/20103 Datasheet HTML 349Page - Renesas Technology Corp H8S/20103 Datasheet HTML 350Page - Renesas Technology Corp H8S/20103 Datasheet HTML 351Page - Renesas Technology Corp H8S/20103 Datasheet HTML 352Page - Renesas Technology Corp H8S/20103 Datasheet HTML 353Page - Renesas Technology Corp H8S/20103 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 324 of 962
REJ09B0465-0100
10.9.2
Port Data Register B (PDRB)
b7
PDRB7
0
b6
PDRB6
0
b5
PDRB5
0
b4
PDRB4
0
b3
PDRB3
0
b2
PDRB2
0
b1
PDRB1
0
b0
PDRB0
0
H'FFFFEA
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDRB7
Port B7 data
R/W
6
PDRB6
Port B6 data
R/W
5
PDRB5
Port B5 data
R/W
4
PDRB4
Port B4 data
R/W
3
PDRB3
Port B3 data
R/W
2
PDRB2
Port B2 data
R/W
1
PDRB1
Port B1 data
R/W
0
PDRB0
Port B0 data
0: Low level
1: High level
When the pins are set as analog input channels by
ADCSR and ADCR of the A/D converter, however,
the corresponding PCRB bits are always read as 1
even if they are cleared to 0.
Similarly, when pins PB6 and PB7 are set as analog
output for the D/A converter by bit DAOE1 in DACR
of the D/A converter, the corresponding PCRB bits
are always read as 1 even if they are cleared to 0.
R/W
PDRB is a register that stores output data for port B pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com