Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 89 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 85Page - Renesas Technology Corp H8S/20103 Datasheet HTML 86Page - Renesas Technology Corp H8S/20103 Datasheet HTML 87Page - Renesas Technology Corp H8S/20103 Datasheet HTML 88Page - Renesas Technology Corp H8S/20103 Datasheet HTML 89Page - Renesas Technology Corp H8S/20103 Datasheet HTML 90Page - Renesas Technology Corp H8S/20103 Datasheet HTML 91Page - Renesas Technology Corp H8S/20103 Datasheet HTML 92Page - Renesas Technology Corp H8S/20103 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 992 page
background image
Section 3 Exception Handling
Rev. 1.00 Oct. 03, 2008 Page 63 of 962
REJ09B0465-0100
Section 3 Exception Handling
3.1
Exception Handling Types and Priority
As table 3.1 indicates, exception handling is caused by a reset, trace, NMI interrupt, trap
instruction, or interrupt. Exception handling is prioritized as shown in table 3.1. If two or more
exceptions occur simultaneously, they are accepted and processed in order of priority. Exception
sources, the stack structure, and operation of the CPU vary depending on the interrupt control
mode. For details on the interrupt control mode, see section 4, Interrupt Controller.
Table 3.1
Exception Handling Types and Priority
Priority
Exception Type
Start Timing of Exception Handling
High
Reset
Started immediately after a low-to-high transition at the
RES pin,
or by other reset sources. The CPU enters the reset state when
the
RES pin is low.
Trace*
1
Started when execution of the current instruction or exception
handling ends, if the trace (T) bit in EXR is set to 1.
NMI
Generated when an edge of the
NMI pin is input. An NMI
interrupt request has the highest priority among interrupt
requests. It is always accepted regardless of the value of the I bit
in CCR.
Trap instruction*
3
Started by execution of a trap instruction (TRAPA).
Low
Interrupt
Started when execution of the current instruction or exception
handling ends, if an interrupt request has been issued.*
2
Notes: 1. Traces are enabled only in interrupt control mode 2. Trace exception handling is not
executed after execution of an RTE instruction.
2. Interrupt detection is not performed on completion of ANDC, ORC, XORC, or LDC
instruction execution, or on completion of reset exception handling.
3. Trap instruction exception handling requests are accepted at all times in program
execution state.
3.2
Exception Handling Sources and Vector Table
Different vector addresses are assigned to different exception sources. For details on the exception
sources and their vector addresses, see section 4, Interrupt Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com