Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 60 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 56Page - Renesas Technology Corp H8S/20103 Datasheet HTML 57Page - Renesas Technology Corp H8S/20103 Datasheet HTML 58Page - Renesas Technology Corp H8S/20103 Datasheet HTML 59Page - Renesas Technology Corp H8S/20103 Datasheet HTML 60Page - Renesas Technology Corp H8S/20103 Datasheet HTML 61Page - Renesas Technology Corp H8S/20103 Datasheet HTML 62Page - Renesas Technology Corp H8S/20103 Datasheet HTML 63Page - Renesas Technology Corp H8S/20103 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 34 of 962
REJ09B0465-0100
2.4.4
Condition-Code Register (CCR)
This 8-bit register contains internal CPU status information, including an interrupt mask bit (I) and
half-carry (H), negative (N), zero (Z), overflow (V), and carry (C) flags.
Operations can be performed on the CCR bits by the LDC, STC, ANDC, ORC, and XORC
instructions. The N, Z, V, and C flags are used as branching conditions for conditional branch
(Bcc) instructions.
Bit
Symbol
Bit Name
Description
R/W
7
I
Interrupt mask
bit
0: Does not mask interrupts.
1: Masks interrupts.
R/W
6
UI
User bit or
interrupt mask
bit
This bit does not affect this LSI operation.
R/W
5
H
Half-carry flag
[Setting conditions]
• If there is a carry or borrow bit 3 when the
ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B or
NEG.B instruction is executed.
• If there is a carry or borrow at bit 11 when the
ADD.W, SUB.W, CMP.W, or NEG.W instruction
is executed.
• If there is a carry or borrow at bit 27 when the
ADD.L, SUB.L, CMP.L, or NEG.L instruction is
executed.
[Clearing condition]
When none of the above setting conditions are
satisfied.
R/W
4
U
User bit
This bit does not affect the LSI operation.
R/W
3
N
Negative flag
[Setting condition]
When the execution result is negative.
[Clearing condition]
When the execution result is not negative.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com