Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 41 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 37Page - Renesas Technology Corp H8S/20103 Datasheet HTML 38Page - Renesas Technology Corp H8S/20103 Datasheet HTML 39Page - Renesas Technology Corp H8S/20103 Datasheet HTML 40Page - Renesas Technology Corp H8S/20103 Datasheet HTML 41Page - Renesas Technology Corp H8S/20103 Datasheet HTML 42Page - Renesas Technology Corp H8S/20103 Datasheet HTML 43Page - Renesas Technology Corp H8S/20103 Datasheet HTML 44Page - Renesas Technology Corp H8S/20103 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 15 of 962
REJ09B0465-0100
Pin No.
Classification
Symbol
H8S/20103
Group
H8S/20203 and
H8S/20223
Groups
I/O
Description
Clock
X1
5
5
Input
X2
4
4
Output
Pins to be connected to a
crystal resonator for the
32.768-kHz sub-clock. For
connection examples, see
section 5, Clock Pulse
Generator.
System control
RES
7
7
Input
Reset pin. Applying a low
level signal to this pin
resets this LSI.
TEST
8
8
Input
Test pin. Connect this pin
to V
SS.
External
interrupt
NMI
35
13
Input
Non-maskable interrupt
request input pin. Be sure
to pull up this pin with a
resistor.
IRQ0 to IRQ7 52 to 54*1
21 to 23
37, 38
56, 57
25 to 28
Input
External interrupt request
input pins. Either rising,
falling, or rising/falling
edge of these pins can be
detected.
Timer RA
TRAIO
41
16
I/O
Pin for pulse output, count
source input, and input of
pulses to be measured.
TRAO
*
2
*
2
Output Pin for inverted pulse
output.
Timer RB
TRGB
*
2
*
2
Input
Pin for trigger input.
TRBO
42
15
Output Pin for pulse output and
PWM output.
Timer RC*
3
FTCI
16
Input
Pin for external event
input.
FTIOA to
FTIOD
20 to 17
I/O
Pins for output-compare
output, input-capture
input, and PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com