Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 93 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 89Page - Renesas Technology Corp H8S/20103 Datasheet HTML 90Page - Renesas Technology Corp H8S/20103 Datasheet HTML 91Page - Renesas Technology Corp H8S/20103 Datasheet HTML 92Page - Renesas Technology Corp H8S/20103 Datasheet HTML 93Page - Renesas Technology Corp H8S/20103 Datasheet HTML 94Page - Renesas Technology Corp H8S/20103 Datasheet HTML 95Page - Renesas Technology Corp H8S/20103 Datasheet HTML 96Page - Renesas Technology Corp H8S/20103 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 992 page
background image
Section 3 Exception Handling
Rev. 1.00 Oct. 03, 2008 Page 67 of 962
REJ09B0465-0100
3.3.2
Reset Exception Handling
When the
RES pin goes high after being held low for the necessary time, this LSI starts reset
exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip peripheral modules are
initialized, VOFR is cleared to H'0000, the T bit in EXR is cleared to 0, and the I bit in EXR
and CCR is set to 1.
2. The low-speed on-chip oscillator is selected as a system clock.
3. After the reset exception handling vector address is read and transferred to the PC, program
execution starts from the address indicated by the PC.
Figure 3.1 shows an example of the reset sequence.
φ
RES
Internal
address bus
Internal
read signal
Internal
write signal
Internal
data bus
Vector fetch
(1)
(3)
(5)
High
Internal
processing
(2)
(4)
(6)
(1) (3)
(2) (4)
(5)
(6)
:Reset exeption handling vector address (when reset, (1) = H'000000, (3) = H'000002)
:Start address (contents of reset exception handling vector address)
:Start address ((5) = (2)(4))
:First program instruction
Prefetch of first
program instruction
Figure 3.1 Reset Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com