Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 85 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 81Page - Renesas Technology Corp H8S/20103 Datasheet HTML 82Page - Renesas Technology Corp H8S/20103 Datasheet HTML 83Page - Renesas Technology Corp H8S/20103 Datasheet HTML 84Page - Renesas Technology Corp H8S/20103 Datasheet HTML 85Page - Renesas Technology Corp H8S/20103 Datasheet HTML 86Page - Renesas Technology Corp H8S/20103 Datasheet HTML 87Page - Renesas Technology Corp H8S/20103 Datasheet HTML 88Page - Renesas Technology Corp H8S/20103 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 59 of 962
REJ09B0465-0100
2.8
Processing States
The H8S/2000 CPU has five main processing states: the reset state, exception handling state,
program execution state, bus-released state, and program stop state. Figure 2.11 indicates the state
transitions.
• Reset state
In this state the CPU and internal peripheral modules are all initialized and stopped. When the
RES input goes low, all current processing stops and the CPU enters the reset state. All
interrupts are masked in the reset state. Reset exception handling starts when the
RES signal
changes from low to high. For details, see section 3, Exception Handling.
The reset state can also be entered by a watchdog timer overflow.
• Exception-handling state
The exception-handling state is a transient state that occurs when the CPU alters the normal
processing flow due to an exception source, such as, a reset, trace, interrupt, or trap instruction.
The CPU fetches a start address (vector) from the exception vector table and branches to that
address. For further details, see section 3, Exception Handling.
• Program execution state
In this state the CPU executes program instructions in sequence.
• Bus-released state
The bus-released state occurs when the bus has been released in response to a bus request from
a bus master other than the CPU. While the bus is released, the CPU halts operations.
• Program stop state
This is a power-down state in which the CPU stops operating. The program stop state occurs
when a SLEEP instruction is executed. For details, see section 6, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com