Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 27 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 23Page - Renesas Technology Corp H8S/20103 Datasheet HTML 24Page - Renesas Technology Corp H8S/20103 Datasheet HTML 25Page - Renesas Technology Corp H8S/20103 Datasheet HTML 26Page - Renesas Technology Corp H8S/20103 Datasheet HTML 27Page - Renesas Technology Corp H8S/20103 Datasheet HTML 28Page - Renesas Technology Corp H8S/20103 Datasheet HTML 29Page - Renesas Technology Corp H8S/20103 Datasheet HTML 30Page - Renesas Technology Corp H8S/20103 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 1 of 962
REJ09B0465-0100
Section 1 Overview
1.1
Features
The H8S/Tiny series is a 16-bit CISC (complex instruction set computer) microcontroller, each
member of the H8S/Tiny series has the powerful H8S/2000 CPU with an internal 32-bit
architecture as its core. The H8S/2000 CPU provides upwards-compatibility with the other
members of the Renesas Technology H8 Family: H8/300, H8/300H Tiny and H8/300H.
The on-chip peripheral function modules include a data transfer controller, event link controller,
serial communication interface, I
2C bus interface 2, synchronous serial communication unit,
hardware LIN communication interface, A/D and D/A converters, low-voltage detection circuit,
and versatile timers. These modules realize low-cost systems. The power consumption of these
modules can be controlled dynamically using power-down modes.
1.1.1
Applications
Examples of the applications include home appliances, office automation equipment, consumer
equipment, and industrial equipment.
1.1.2
Overview of Functions
Table 1.1 lists the specifications of the products of this series.
Table 1.1
Overview of Functions
Classification
Module/
Function
Description
Memory
ROM
• Flash memory version
Program memory: 128 kbytes or 96 kbytes
Number of program/erase times: 1000 times
Data flash: 4 kbytes
× two blocks
Number of program/erase times: 10000 times
RAM
• Capacity: 8 kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com