Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20103 Datasheet(PDF) 74 Page - Renesas Technology Corp

No. de pieza H8S/20103
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 70Page - Renesas Technology Corp H8S/20103 Datasheet HTML 71Page - Renesas Technology Corp H8S/20103 Datasheet HTML 72Page - Renesas Technology Corp H8S/20103 Datasheet HTML 73Page - Renesas Technology Corp H8S/20103 Datasheet HTML 74Page - Renesas Technology Corp H8S/20103 Datasheet HTML 75Page - Renesas Technology Corp H8S/20103 Datasheet HTML 76Page - Renesas Technology Corp H8S/20103 Datasheet HTML 77Page - Renesas Technology Corp H8S/20103 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 48 of 962
REJ09B0465-0100
Table 2.7
Bit Manipulation Instructions (2)
Instruction
Size*
Function
BXOR
B
C
⊕ (<bit-No.> of <EAd>) → C
Logically exclusive-ORs the carry flag with a specified bit in a general
register or memory operand and stores the result in the carry flag.
BIXOR
B
C
⊕ ∼ (<bit-No.> of <EAd>) → C
Logically exclusive-ORs the carry flag with the inverse of a specified bit
in a general register or memory operand and stores the result in the
carry flag.
The bit number is specified by 3-bit immediate data.
BLD
B
(<bit-No.> of <EAd>)
→ C
Transfers a specified bit in a general register or memory operand to
the carry flag.
BILD
B
∼ (<bit-No.> of <EAd>) → C
Transfers the inverse of a specified bit in a general register or memory
operand to the carry flag.
The bit number is specified by 3-bit immediate data.
BST
B
C
→ (<bit-No.> of <EAd>)
Transfers the carry flag value to a specified bit in a general register or
memory operand.
BIST
B
∼ C → (<bit-No.>. of <EAd>)
Transfers the inverse of the carry flag value to a specified bit in a
general register or memory operand.
The bit number is specified by 3-bit immediate data.
Note:
*
Size refers to the operand size.
B:
Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com